| Electronic Components Datasheet Search |
|
TH06 Datasheet(PDF) 17 Page - HOPE Microelectronics CO., Ltd. |
|
|
|||||||||||||||||||||||||||||
TH06 Datasheet(HTML) 17 Page - HOPE Microelectronics CO., Ltd. |
|
17 / 26 page ![]() Tel:+86-755-82973805 Fax: +86-755-82973550 Email:sales@hoperf.com http://www.hoperf.com 17 5.1. Issuing a Measurement Command The measurement commands instruct the TH06 to perform one of two possible measurements; Relative Humidity or Temperature. The procedure to issue any one of these commands is identical. While the measurement is in progress, the option of either clock stretching (Hold Master Mode) or Not Acknowledging read requests (No Hold Master Mode) is available to indicate to the master that the measurement is in progress; the chosen command code determines which mode is used. Optionally, a checksum byte can be returned from the slave for use in checking for transmission errors. The checksum byte will follow the least significant measurement byte if it is acknowledged by the master. The checksum byte is not returned if the master “not acknowledges” the least significant measurement byte. The checksum byte is calculated using a CRC generator polynomial of x8 + x5 + x4 + 1, with an initialization of 0x00. The checksum byte is optional after initiating an RH or temperature measurement with commands 0xE5, 0xF5, 0xE3, and 0xF3. For all other commands, the checksum byte is not supported. Master Slave Sequence to perform a measurement and read back result (Hold Master Mode) S Slave Address W A Measure Cmd A Sr Slave Address R A Clock stretch during measurement MS Byte A LS Byte NA P A Checksum NA P |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |