Electronic Components Datasheet Search
  English  ▼

X  

TH06 Datasheet(PDF) 16 Page - HOPE Microelectronics CO., Ltd.

Part # TH06
Description  I2C HUMIDITY AND TEMPERATURE SENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

TH06 Datasheet(HTML) 16 Page - HOPE Microelectronics CO., Ltd.

Back Button TH06 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Tel:+86-755-82973805 Fax: +86-755-82973550 Email:sales@hoperf.com http://www.hoperf.com
16
5. I2C Interface
The TH06 communicates with the host controller over a digital I2C interface. The 7-bit base slave address is
0x40.
Table 9. I2C Slave Address Byte
A6
A5
A4
A3
A2
A1
A0
R/W
1
0
0
0
0
0
0
0
Master I2C devices communicate with the TH06 using a command structure. The commands are listed in the I2C
command table10. Commands other than those documented below are undefined and should not be sent to the
device.
Table 10. I2C Command Table
Command Description
Command Code
Measure Relative Humidity, Hold Master Mode
0xE5
Measure Relative Humidity, No Hold Master Mode
0xF5
Measure Temperature, Hold Master Mode
0xE3
Measure Temperature, No Hold Master Mode
0xF3
Read Temperature Value from Previous RH Measurement
0xE0
Reset
0xFE
Write RH/T User Register 1
0xE6
Read RH/T User Register 1
0xE7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com