Electronic Components Datasheet Search
  English  ▼

X  

TH06 Datasheet(PDF) 23 Page - HOPE Microelectronics CO., Ltd.

Part # TH06
Description  I2C HUMIDITY AND TEMPERATURE SENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

TH06 Datasheet(HTML) 23 Page - HOPE Microelectronics CO., Ltd.

Back Button TH06 Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 21Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 22Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 23Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 24Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 25Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 26Page - HOPE Microelectronics CO., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Tel:+86-755-82973805 Fax: +86-755-82973550 Email:sales@hoperf.com http://www.hoperf.com
23
7. Ordering Guide
Table 12. Device Ordering Guide
P/N
Description
Max.
Accuracy
Pkg
Operating
Range (°C)
Protective
Cover
Packing
Format
Temp
RH
TH06
Digital temperature/ humidity sensor –
industrial temp range
±1 °C
± 5%
SMT
MODULE
–40 to
+125 °C
Y
Tube
Note: The “A” denotes product revision A and “10” denotes firmware version 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com