Electronic Components Datasheet Search
  English  ▼

X  

TH08 Datasheet(PDF) 1 Page - HOPE Microelectronics CO., Ltd.

Part # TH08
Description  HUMIDITY AND TEMPERATURE SENSOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

TH08 Datasheet(HTML) 1 Page - HOPE Microelectronics CO., Ltd.

  TH08 Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Tel:+86-755-82973805
Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
1
| SENSOR
TH08 Datasheet
I
2 C HUMIDITY AND TEMPERATURE SENSOR
Features
Precision Relative Humidity Sensor
± 2.0% RH (Typ), 0–80% RH
High Accuracy Temperature Sensor
±0.3 °C (Typ), –10 to 85 °C
0 to 100% RH operating range
–40 to +85 °C operating range
Wide operating voltage
(1.9 to 3.6 V)
Low Power Consumption
150 µA active current
60 nA standby current
Applications
HVAC/R
Thermostats/humidistats
Respiratory therapy
White goods
Indoor weather stations
Description
Factory-calibrated
I2C Interface
Integrated on-chip heater
9.1mmx10.8 mm SMT Module
Excellent long term stability
Optional factory-installed cover
Low-profile
Protection during reflow
Excludes liquids and particulates
Micro-environments/data centers
Automotive climate control and
defogging
Asset and goods tracking
Mobile phones and tablets
TH08: 9.1mmx10.8 mm SMT Module
The TH08 I2C Humidity and Temperature Sensor is a monolithic CMOS IC integrating humidity and temperature
sensor elements, an analog-to-digital converter, signal processing, calibration data, and an I2C Interface. The
patented use of industry-standard, low-K polymeric dielectrics for sensing humidity enables the construction of low-
power, monolithic CMOS Sensor ICs with low drift and hysteresis, and excellent long term stability.
The humidity and temperature sensors are factory-calibrated and the calibration data is stored in the on-chip non-
volatile memory. This ensures that the sensors are fully interchangeable, with no recalibration or software changes
required
The TH08 is reflow solderable. It can be used as a hardware- and software-compatible drop-in upgrade for existing
RH/ temperature sensors , featuring precision sensing over a wider range and lower power consumption. The
optional factory-installed cover offers a low profile, convenient means of protecting the sensor during assembly (e.g.,
reflow soldering) and throughout the life of the product, excluding liquids (hydrophobic/oleophobic) and particulates.
The TH08 offers an accurate, low-power, factory-calibrated digital solution ideal for measuring humidity, dew-point,
and temperature, in applications ranging from HVAC/R and asset tracking to industrial and consumer platforms.


Similar Part No. - TH08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH01 ETC2-TH01 Datasheet
232Kb / 7P
Temperature and Humidity Module
logo
TM Electronics Inc
TH01 TM-TH01 Datasheet
63Kb / 2P
T TYPE THERMOCOUPLE THERMOMETER WITH HOLD FUNCTION
V2
TH01 TM-TH01 Datasheet
97Kb / 4P
Type T Food Kit with Thermometer, Standard Probes, Temperature Record Book and Case
TH01 TM-TH01 Datasheet
107Kb / 4P
TYPE T LEGIONELLA TEMPERATURE KIT WITH THERMOMETER, STANDARD PROBES AND ACCESSORIES
TH01 TM-TH01 Datasheet
102Kb / 3P
Legionella Temperature Monitoring Kit – Includes MM2008 Digital Thermometer and Budget K Type Dual Surface/Immersion Probe
More results

Similar Description - TH08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
Humidity and Temperature Sensor
logo
Sensitron
SHT21 SENSITRON-SHT21 Datasheet
493Kb / 12P
Humidity and Temperature Sensor
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
Humidity and Temperature Sensor
SHT20S ETC2-SHT20S Datasheet
443Kb / 10P
Humidity and Temperature Sensor IC
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
Humidity and Temperature Sensor IC
logo
Silicon Laboratories
SI7020-A20 SILABS-SI7020-A20 Datasheet
533Kb / 36P
IC HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
Digital Temperature and Humidity Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
Humidity and Temperature Sensor
Version 3
logo
Silicon Laboratories
SI7021-A20-IM SILABS-SI7021-A20-IM Datasheet
1Mb / 36P
2C HUMIDITY AND TEMPERATURE SENSOR
Rev. 1.2 8/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com