Electronic Components Datasheet Search
  English  ▼

X  

TH08 Datasheet(PDF) 17 Page - HOPE Microelectronics CO., Ltd.

Part # TH08
Description  HUMIDITY AND TEMPERATURE SENSOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

TH08 Datasheet(HTML) 17 Page - HOPE Microelectronics CO., Ltd.

Back Button TH08 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 21Page - HOPE Microelectronics CO., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Tel:+86-755-82973805
Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
21
5.2. Reading and Writing User Registers
There is one user register on the TH08 that allows the user to set the configuration of the TH08. The procedure
for accessing that register is described below.
The checksum byte is not supported after reading a user register.
Slave
S
W
A
Address
Read Reg
Cmd
Sequence to read a register
Slave
A
Sr
Address
R
A
Read Data
NA
P
Sequence to write a register
S
Slave Address
W
A
Write Reg Cmd
A
Write Data
A
P
5.3. Firmware Revision
The internal firmware revision can be read with the following I2C transaction:
Slave
S
Address
W
A
0x84
A
0xB8
A
S
Slave
Address
R
A
FWREV
A
NA
P
The values in this field are encoded as follows:
0xFF=Firmware version 1.0
5.4. Heater
The TH08 contains an integrated resistive heating element that may be used to raise the temperature of the
sensor. This element can be used to test the sensor, to drive off condensation, or to implement dew-point
measurement when the TH08 is used in conjunction with a separate temperature sensor such as another TH08
(the heater will raise the temperature of the internal temperature sensor).
The heater can be activated using HTRE, bit 2 in User Register 1. Turning on the heater will reduce the tendency
of the humidity sensor to accumulate an offset due to "memory" of sustained high humidity conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com