Electronic Components Datasheet Search
  English  ▼

X  

TH08 Datasheet(PDF) 4 Page - HOPE Microelectronics CO., Ltd.

Part # TH08
Description  HUMIDITY AND TEMPERATURE SENSOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

TH08 Datasheet(HTML) 4 Page - HOPE Microelectronics CO., Ltd.

  TH08 Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Tel:+86-755-82973805
Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
4
| SENSOR
TH08 Datasheet
Table 3. I2C Interface Specifications1 (Continued)
1.9 ≤ VDD ≤ 3.6 V; TA = –40 to +125 °C unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Start Setup Time
tSTS
0.6
—
—
µs
Stop Setup Time
tSPS
0.6
—
—
µs
Bus Free Time
tBUF
Between Stop and Start
1.3
—
—
µs
SDA Setup Time
tDS
100
—
—
ns
SDA Hold Time
tDH
100
—
—
ns
SDA Valid Time
tVD;DAT
From SCL low to data valid
—
—
0.9
µs
SDA Acknowledge Valid Time
tVD;ACK
From SCL low to data valid
—
—
0.9
µs
Suppressed Pulse Width3
tSPS
50
—
—
ns
Notes:
1. All values are referenced to VIL and/or VIH.
2. Depending on the conversion command, the TH08 may hold the master during the conversion (clock stretch). At
above 100 kHz SCL, the TH08 may also hold the master briefly for user register and device ID transactions. At the
highest I2C speed of 400 kHz the stretching will be <10 µs.
3. Pulses up to and including 50 ns will be suppressed.
1/fSCL
tSKH
tSP
tSKL
SCL
tBUF
tSTH
tDS
tDH
tSPS
SDA
D7
D6
D5
D0
R/W
ACK
Start Bit
Stop Bit
tSTS
tVD : ACK
Figure 1. I2C Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com