Electronic Components Datasheet Search
  English  ▼

X  

TH08 Datasheet(PDF) 10 Page - HOPE Microelectronics CO., Ltd.

Part # TH08
Description  HUMIDITY AND TEMPERATURE SENSOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

TH08 Datasheet(HTML) 10 Page - HOPE Microelectronics CO., Ltd.

Back Button TH08 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Tel:+86-755-82973805
Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
10
TH08 datasheet
4.1. Relative Humidity Sensor Accuracy
To determine the accuracy of a relative humidity sensor, it is placed in a temperature and humidity controlled
chamber. The temperature is set to a convenient fixed value (typically 25–30 °C) and the relative humidity is swept
from 20 to 80% and back to 20% in the following steps: 20% – 40% – 60% – 80% – 80% – 60% – 40% – 20%. At
each set-point, the chamber is allowed to settle for a period of 60 minutes before a reading is taken from the
sensor. Prior to the sweep, the device is allowed to stabilize to 50%RH. The solid trace in Figure 6, “Measuring
Sensor Accuracy Including Hysteresis,” shows the result of a typical sweep.
Figure 6.
Measuring Sensor Accuracy Including Hysteresis
The RH accuracy is defined as the dotted line shown in Figure 6, which is the average of the two data points at
each relative humidity set-point. In this case, the sensor shows an accuracy of 0.25%RH. The TH08 accuracy
specification (Table 4) includes:
Unit-to-unit and lot-to-lot variation
Accuracy of factory calibration
Margin for shifts that can occur during solder reflow
The accuracy specification does not include:
Hysteresis (typically ±1%)
Effects from long term exposure to very humid conditions
Contamination of the sensor by particulates, chemicals, etc.
Other aging related shifts ("Long-term stability")
Variations due to temperature (see Drift vs. Temperature in Table 4). RH readings will typically vary with
temperature by less than ± 0.05% ° C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com