Electronic Components Datasheet Search
  English  ▼

X  

TH10 Datasheet(PDF) 9 Page - HOPE Microelectronics CO., Ltd.

Part # TH10
Description  SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

TH10 Datasheet(HTML) 9 Page - HOPE Microelectronics CO., Ltd.

Back Button TH10 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
| SENSOR
TH10 Datasheet
TH10_DataSheet_EN_V1.0
HOPE MICROELECTRONICS CO.,LTD
9
3.5
Measurement Commands for Periodic Data Acquisition Mode
In this mode one issued measurement command yields a stream of data pairs. Each data pair consists of one 16
bit temperature and one 16 bit humidity value (in this order).
In periodic mode different measurement commands can be selected. The corresponding 16 bit commands are
shown in Table 9. They differ with respect to repeatability (low, medium and high) and data acquisition frequency
(0.5, 1, 2, 4 & 10 measurements per second, mps). Clock stretching cannot be selected in this mode.
The data acquisition frequency and the repeatability setting influences the measurement duration and the current
consumption of the sensor. This is explained in section 2 of this datasheet.
If a measurement command is issued, while the sensor is busy with a measurement (measurement durations see
Table 2), it is recommended to issue a break command first (see section 3.8). Upon reception of the break
command the sensor will finish the ongoing measurement and enter the single shot mode.
3.6
Readout of Measurement Results for Periodic Mode
Transmission of the measurement data c an be initiated through the fetch data command shown in Table 10. If no
measurement data is present the I2C read header is responded with a NACK
(Bit 9 in Table10) and the
communication stops. After the read out command fetch data has been issued, the data memory is cleared, i.e.
no measurement data is present
Table 10
3.7
ART Command
The ART (accelerated response time) feature c an be activated by issuing the command in Table 11. After issuing
the ART command the sensor will start acquiring data with a frequenc y of 4Hz.
The ART command is structurally similar to any other command in Table 9. Henc e section 3.5 applies for starting
a measurement, section 3.6 for reading out data and section 3.8 for stopping the periodic data acquisition.
The ART feature can also be evaluated using the Evaluation Kit from HOPERF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com