Electronic Components Datasheet Search
  English  ▼

X  

TH10 Datasheet(PDF) 2 Page - HOPE Microelectronics CO., Ltd.

Part # TH10
Description  SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

TH10 Datasheet(HTML) 2 Page - HOPE Microelectronics CO., Ltd.

  TH10 Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
| SENSOR
TH10 Datasheet
TH10_DataSheet_EN_V1.0
HOPE MICROELECTRONICS CO.,LTD
2
1. Specifications
1.1
Electrical Specifications
Table 1 Electrical specifications, valid at 25°C.
Parameter
Symbol
Condition
Min. Typ. Max. Units Comments
Supply voltage
VDD
2.4
3.3
5.5
V
Power-up/down
level
VPOR
2.1
2.3
2.4
V
Slew rate change
of the supply
voltage
VDDslew
-
-
20
V/ms
Voltage changes on the
VDD line between VDDmin
and VDDmax should be
slower than the maximum
slew rate.faster slew rates
may lead to reset;
Supply current
IDD
idle state
(single
shot mode)
-
0.2
2.0
uA
Current when sensor is not
performing a measurement
during single shot mode
idle state
(periodic
data
acquisition
mode)
-
45
70
uA
Current when sensor is not
performing a measurement
during periodic data
acquisition mode
Measuring
-
800
1500
uA
Current consumption while
sensor is measuring
Average
-
2
-
uA
Current consumption
(operation with one
measurement per second at
lowest repeatability ,
single shot mode)
Alert Output driving
strength
IOH
0.8x
Vdd
1.5x
Vdd
2.1x
Vdd
mA
See also section 3.5
Heater power
Pheater
Heater
running
4.5
-
33
mW
Depending on the supply
voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com