Electronic Components Datasheet Search
  English  ▼

X  

TH10 Datasheet(PDF) 1 Page - HOPE Microelectronics CO., Ltd.

Part # TH10
Description  SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

TH10 Datasheet(HTML) 1 Page - HOPE Microelectronics CO., Ltd.

  TH10 Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
| SENSOR
TH10 Datasheet
TH10_DataSheet_EN_V1.0
HOPE MICROELECTRONICS CO.,LTD
1
Features
 Fully calibrated, linearized, and temperature
compensated digital output
 Wide supply voltage range, from 2.4 V to 5.5 V
 I2C Interface with communication speeds up to
1MHz and two user selectable addresses
 Typical accuracy of 1.5 % RH and 0.1 °C for TH10
 High reliability and long-term stability
 High signal-to-noise ratio
 Industry-proven technology with a track record of
more than 15 years
Applications
 HVAC/R
 Thermostats/humidistats
 Respiratory therapy
 White goods
 Indoor weather stations
Description
The TH10 has increased intelligence, reliability and improved accuracy specifications compared to
its predecessor. Its functionality includes enhanced signal processing, two distinctive and user
selectable I2C addresses and communication speeds of up to 1 MHz. This allows for integration of
the TH10 into a great variety of applications. Additionally, the wide supply voltage range of 2.4 V to
5.5 V guarantees compatibility with diverse assembly situations. All in all, the TH10 incorporates 15
years of knowledge of HOPERF, the leader in the humidity sensor industry.
 Micro-environments/data centers
 Automotive climate control and
defogging
 Asset and goods tracking
 Mobile phones and tablets


Similar Part No. - TH10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TH10 TI-TH10 Datasheet
168Kb / 2P
Thermal Cut-out
logo
Extech Instruments Corp...
TH10 EXTECH-TH10 Datasheet
419Kb / 12P
Temperature Datalogger
logo
Topstek Inc.
TH10A TOPSTEK-TH10A Datasheet
131Kb / 3P
Topstek Current Transducer
logo
Multicomp Pro
TH10A MULTICOMP-TH10A Datasheet
183Kb / 3P
Current Transducer Hall Effect
06/06/11 V1.1
logo
Topstek Inc.
TH10A-B12 TOPSTEK-TH10A-B12 Datasheet
131Kb / 3P
Topstek Current Transducer
More results

Similar Description - TH10

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
QL78I6S ROITHNER-QL78I6S Datasheet
369Kb / 3P
sensor
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
sensor
logo
Murata Manufacturing Co...
IML-0638 MURATA-IML-0638_17 Datasheet
185Kb / 2P
Sensor
IML-0650 MURATA-IML-0650_17 Datasheet
181Kb / 2P
Sensor
IML-0688 MURATA-IML-0688 Datasheet
185Kb / 2P
Sensor
IRA-S410ST03 MURATA-IRA-S410ST03_17 Datasheet
219Kb / 3P
Sensor
PKGS-00LDP1-R MURATA-PKGS-00LDP1-R_17 Datasheet
201Kb / 3P
Sensor
PKGS-45TAV-R MURATA-PKGS-45TAV-R_17 Datasheet
205Kb / 3P
Sensor
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
SENSOR QUARTZ PRESSURE SENSOR
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
SENSOR QUARTZ PRESSURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com