Electronic Components Datasheet Search
  English  ▼

X  

TH10 Datasheet(PDF) 5 Page - HOPE Microelectronics CO., Ltd.

Part # TH10
Description  SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

TH10 Datasheet(HTML) 5 Page - HOPE Microelectronics CO., Ltd.

  TH10 Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
| SENSOR
TH10 Datasheet
TH10_DataSheet_EN_V1.0
HOPE MICROELECTRONICS CO.,LTD
5
Table 5 Temperature sensor specification
Parameter
Condition
Value
Units
Accuracy tolerance
-40°C to 90°C
±0.2
°C
Repeatability
Low
0.24
°C
Medium
0.12
°C
High
0.06
°C
Resolution
Typ.
0.015
°C
Specified
Range
-
-40 to 125
°C
Response time
t63%
>2
s
Long Term Drift
max
<0.03
°C/yr
Temperature Sensor Performance Graphs
Figure 10 Temperature accuracy of the TH10 sensor.
A.
The stated repeatability is 3 times
the standard deviation (3σ) of multiple consecutive measurements at the stated repeatability
and at constant ambient conditions. It is a measure for the noise on the phy sical sensor output. Different measurement modes
allow for high/medium/low repeatability.
B. Specified range refers to the range for w hich the humidity or temperature sensor specification is guaranteed.
C. For details about recommended humidity and temperature operating range, please refer to section 1.4
D. Time for achiev ing 63% of a humidity step function, valid at 25°C and 1m/s airflow. Humidity response time in the application
depends on the design-in of the sensor.
E.
With activ ated ART function (see section 3.7) the response time can be improved by a factor of 2.
F.
Typical value for operation in normal RH/T operating range, see section 1.4. Maximum value is < 0.5 %RH/yr. Higher drift values
might occur due to contaminant env ironments with vaporized solvents, out-gassing tapes, adhesives, packaging materials, etc.
For more details please refer to Handling Instructions.
G. Temperature response times strongly depend on the ty pe of heat ex change, the av ailable sensor surface and the design
environment of the sensor in the final application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com