Electronic Components Datasheet Search
  English  ▼

X  

TH10 Datasheet(PDF) 14 Page - HOPE Microelectronics CO., Ltd.

Part # TH10
Description  SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

TH10 Datasheet(HTML) 14 Page - HOPE Microelectronics CO., Ltd.

Back Button TH10 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
| SENSOR
TH10 Datasheet
TH10_DataSheet_EN_V1.0
HOPE MICROELECTRONICS CO.,LTD
14
3.14
Communication Timing
Table 20 Communication timing specifications for I2C fm (fast mode), specifications are at 25°C
Parameter
Symbo
l
Conditions
Min.
Typ.
Max.
Units
Comments
SCL clock frequency
fSCL
0
-
1000
kHz
Hold time (repeated) START
condition
tHD;STA
After
this period,
the first clock pulse
is generated
0.24
-
-
µs
LOW period of the SCL clock
tLOW
0.65
-
-
µs
HIGH period of the SCL clock
tHIGH
0.26
-
-
µs
SDA hold time
tHD;DAT
0
-
250
ns
Transmitting data
0
-
-
ns
Receiving data
SDA set-up time
tSU;DAT
100
-
-
ns
SCL/SDA rise time
tR
-
-
300
ns
SCL/SDA fall time
tF
-
-
300
ns
SDA valid time
tVD;DAT
-
-
0.9
µs
Set-up time for a repeated
START condition
tSU;STA
0.6
-
-
µs
Set-up time for STOP condition
tSU;STO
0.6
-
-
µs
Capacitive load on bus line
CB
-
-
400
pF
Low level input voltage
VIL
-0.5
-
0.3x VDD
V
High level input voltage
VIH
0.7xVDD
-
1xVDD
V
Low level output voltage
VOL
3 mA sink current
-
-
0.66
V
Timing diagram for digital input/output pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com