Electronic Components Datasheet Search
  English  ▼

X  

SDP358 Datasheet(PDF) 5 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDP358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDP358 Datasheet(HTML) 5 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDP358 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Datasheet
December, 2013 Rev. 1.0
5/11
©2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
LOW POWER DUAL OPERATIONAL AMPLIFIERS
SDP358
Electrical Characteristics (Ta=25°C, VCC=5V, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VIO
VO: 1.4V, RS:0Ω
2
5
mV
Input Offset Current
IIO
IIN+ or IIN-, VCM=0V
5
50
nA
Input Bias Current
IB
IIN+ or IIN-, VCM=0V
20
200
nA
Large Signal Voltage Gain
Avd
RL=2kΩ,VCC+=15V, VO=1.4V~11.4V
85
100
dB
Power
Supply
Rejection
Ration
PSRR
VCC=5V to 15V
70
100
dB
Supply Current
ICC1
VCC=5V
0.25
0.5
mA
ICC2
VCC=15V
0.3
0.6
mA
Input Common Mode
Voltage Range
Vicm
VCC=15V
0
VCC-1.5
V
Common Mode Rejection
Ratio
CMRR
70
90
dB
Output Source Current
Isource
Vid-=1V, VCC=15V, VO=2V
20
45
mA
Short Circuit to Ground
ISC
VCC=15V
45
60
mA
Output Sink Current
Isink1
Vid+=0V, Vid-=1V, VCC=15V, VO=2V
10
20
mA
Isink2
Vid+=0V, Vid-=1V, VCC=15V, VO=0.2V
12
70
uA
Output High Voltage Swing
VOH1
VCC =15V,RL=2k
12
V
VOH2
VCC =15V,RL=10k
12.5
13.5
V
Output Low Voltage Swing
VOL
VCC =5V, RL=10k
5
20
mV
Offset Voltage Temperature
Coefficient
DVio
7
30
uV/℃
Channel Separation
CS
f=1kHz to 20 kHz
-120
dB
Table 4. Electrical Characteristics
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com