Electronic Components Datasheet Search
  English  ▼

X  

SDP358 Datasheet(PDF) 10 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDP358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDP358 Datasheet(HTML) 10 Page - Shaoxing Devechip Microelectronics Co., Ltd

Back Button SDP358 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 10Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 11Page - Shaoxing Devechip Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Datasheet
December, 2013 Rev. 1.0
10/11
©2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
LOW POWER DUAL OPERATIONAL AMPLIFIERS
SDP358
SOP-8
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
1.350
1.750
0.053
0.069
A1
0.100
0.250
0.004
0.010
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
c
0.170
0.250
0.007
0.010
D
4.700
5.100
0.185
0.201
e
1.270(BSC)
0.050(BSC)
E
5.800
6.200
0.228
0.244
E1
3.800
4.000
0.150
0.157
L
0.400
1.270
0.016
0.050
θ
0°
8°
0°
8°
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com