Electronic Components Datasheet Search
  English  ▼

X  

SDP358 Datasheet(PDF) 1 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDP358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDP358 Datasheet(HTML) 1 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDP358 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Datasheet
December, 2013 Rev. 1.0
1/11
©2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
LOW POWER DUAL OPERATIONAL AMPLIFIERS
SDP358
General Description
The SDP358 consists of two independent, high gain and
Internally
frequency
compensated
operational
amplifiers, it is specifically designed to operate from a
single power supply. Operation from split power supply
is also possible and the low power supply current drain
is independent of the magnitude of the power supply
voltages.
Features
Internally frequency compensation
High voltage gain:100dB(Typical)
Low input bias current:20nA(Typical)
Low input offset voltage:2mV(Typical)
Large output voltage swing: 0V~(VCC-1.5V)
Wide power supply voltage range:
Single supply: 3V to 18V
Dual supplies: ± 1.5V to ± 9V
Low supply current drain:0.25mA(Typical)
Applications
Battery Charger
Cordless Telephone
Switching Power Supply
Figure 1. Package Type
DIP-8
SOP-8
SDC
CONFIDENTIAL
DOCUMENT


Similar Part No. - SDP358

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SDP3500Q38B LITTELFUSE-SDP3500Q38B Datasheet
139Kb / 5P
This new SIDACtor짰 Series provides overvoltage protection
SDP3500Q38CB LITTELFUSE-SDP3500Q38CB Datasheet
912Kb / 5P
SIDACtor Protection Thyristors
SDP3500Q38CB LITTELFUSE-SDP3500Q38CB Datasheet
156Kb / 5P
This new SDP Biased series provides overvoltage protection for applications
More results

Similar Description - SDP358

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
Low Power Dual Operational Amplifiers
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
Low Power Dual Operational Amplifiers
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com