Electronic Components Datasheet Search
  English  ▼

X  

SDP358 Datasheet(PDF) 7 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDP358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDP358 Datasheet(HTML) 7 Page - Shaoxing Devechip Microelectronics Co., Ltd

Back Button SDP358 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 10Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 11Page - Shaoxing Devechip Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Datasheet
December, 2013 Rev. 1.0
7/11
©2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
LOW POWER DUAL OPERATIONAL AMPLIFIERS
SDP358
0
1
2
3
0
1
2
3
VCC=15V
RL=2KΩ
t - TIME (uS)
0
10
20
30
40
50
IO - OUTPUT SINK CURRENT (mADC)
1E-3
0.01
0.1
1
10
100
0.01
0.1
1
10
TA = 25°C
VCC=5V
VCC=15V
+
-
VCC
VCC/2
IO
Figure 10. Voltage Follower Pulse Response
Figure 11. Output Characteristics Current Sinking
0
250
300
350
400
450
500
TA=25℃
VCC=15V
t - TIME (uS)
0
10
20
30
40
50
550
+
-
VIN
50pF
VOUT
Output
Iutput
IO - OUTPUT SOURCE CURRENT (mA)
1E-3
0.01
0.1
1
10
100
1
3
6
8
2
4
5
7
INDEPENDENT OF VCC
TA = 25°C
+
-
VCC
VCC/2
VO
IO
Figure 12. Voltage Follower Pulse Response (Small Signal)
Figure 13. Output Characteristics Current Sourcing
RL=2KΩ
RL=20KΩ
0
2
4
6
8
10
12
14
16
18
20
60
70
80
90
100
110
120
VCC - POWER SUPPLY VOLTAGE (V)
Figure14. Output Characteristics Current Sourcing
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com