Electronic Components Datasheet Search
  English  ▼

X  

SDP358 Datasheet(PDF) 6 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDP358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDP358 Datasheet(HTML) 6 Page - Shaoxing Devechip Microelectronics Co., Ltd

Back Button SDP358 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 10Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Datasheet
December, 2013 Rev. 1.0
6/11
©2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
LOW POWER DUAL OPERATIONAL AMPLIFIERS
SDP358
Typical Performance Characteristics
VCC=15V
-40
-20
0
20
40
60
80
100
120
0
5
10
15
20
25
30
TA - TEMPERATURE(°C)
TA - TEMPERATURE (
°C)
-40
-20
0
20
40
60
80
0
10
20
30
40
50
60
70
80
90
100
+
-
IO
Figure 4. Input Current
Figure 5. Current Limiting
NEGATIVE
POSITIVE
0
2
4
6
8
0
2
4
6
8
VCC - POWER SUPPLY VOLTAGE (±VDC)
0
2
4
6
8
10
12
14
16
18
20
0
0.1
0.2
0.3
0.4
A Io
mA
Vcc
POWER SUPPLY VOLTAGE (VDC)
Figure 6. Input Voltage Range
Figure 7. Supply Current
Vcc:10V TO 15V TA:-40℃ TO 85℃
1Hz
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
0
10
20
30
40
50
60
70
80
90
100
110
+
-
0.1uF
R 10M
VCC
VCC/2
VIN
f - FREQUENCY (Hz)
f - FREQUENCY (Hz)
1K
10K
100K
1000K
0
5
20
10
15
+
-
R 1K
R 100K
+15V VDC
+7VDC
VO
Figure 8. Open Loop Frequency Response
Figure 9. Large Signal Frequency Response
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com