Electronic Components Datasheet Search
  English  ▼

X  

12F635 Datasheet(PDF) 171 Page - Microchip Technology

Part # 12F635
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F635 Datasheet(HTML) 171 Page - Microchip Technology

Back Button 12F635 Datasheet HTML 167Page - Microchip Technology 12F635 Datasheet HTML 168Page - Microchip Technology 12F635 Datasheet HTML 169Page - Microchip Technology 12F635 Datasheet HTML 170Page - Microchip Technology 12F635 Datasheet HTML 171Page - Microchip Technology 12F635 Datasheet HTML 172Page - Microchip Technology 12F635 Datasheet HTML 173Page - Microchip Technology 12F635 Datasheet HTML 174Page - Microchip Technology 12F635 Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 169
PIC12F635/PIC16F636/639
CTUNZ
LCZ Tuning Capacitor
—
44.1
0
63
—
81.9
pF
pF
VDD = 3.0V,
Config. Reg. 3, bits<6:1> Setting = 000000
63 pF +/- 30%
Config. Reg. 3, bits<6:1> Setting = 111111
63 steps, 1 pF/step
Monotonic increment in capacitor value from
setting = 000000 to 111111 by design
C_Q
Q of Trimming Capacitors
50*
—
—
pF
Characterized at bench test
TDR
Demodulator Charge Time
(delay time of demodulated output
to rise)
—50
—
μsVDD = 3.0V
MOD depth setting = 50%
Input conditions:
Amplitude = 300 mVPP
Modulation depth = 80%
TDF
Demodulator Discharge Time
(delay time of demodulated output
to fall)
—50
—
μsVDD = 3.0V
MOD depth setting = 50%
Input conditions:
Amplitude = 300 mVPP
Modulation depth = 80%
TLFDATAR Rise time of LFDATA
—
0.5
—
μsVDD = 3.0V
Time is measured from 10% to 90% of
amplitude
TLFDATAF Fall time of LFDATA
—
0.5
—
μsVDD = 3.0V
Time is measured from 10% to 90% of
amplitude
TAGC
AGC stabilization time
—
3.5*
—
ms
Time required for AGC stabilization
TPAGC
High time after AGC settling time
—
62.5
—
μs
Equivalent to two Internal clock cycle (FOSC)
TSTAB
AGC stabilization time plus high
time (after AGC settling time)
(TAGC +TPAGC)
4
—
—
ms
AGC stabilization time
TGAP
Gap time after AGC settling time
200
—
—
μs
Typically 1 TE
TRDY
Time from exiting Sleep or POR to
being ready to receive signal
——
50*
ms
TPRES
Minimum time AGC level must be
held after receiving AGC Preserve
command
5*
—
—
ms
AGC level must not change more than 10%
during TPRES.
FOSC
Internal RC oscillator frequency
(±10%)
28.8
32
35.2
kHz
Internal clock trimmed at 32 kHz during test
TINACT
Inactivity timer time-out
14.4
16
17.6
ms
512 cycles of RC oscillator @ FOSC
TALARM
Alarm timer time-out
28.8
32
35.2
ms
1024 cycles of RC oscillator @ FOSC
RLC
LC Pin Input Impedance
LCX, LCY, LCZ
—
1*
—
MOhm
Device in Standby mode
15.11 AC Characteristics: Analog Front-End for PIC16F639 (industrial, extended) (Continued)
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Supply Voltage
2.0V
≤ VDD ≤ 3.6V
Operating temperature
-40°C
≤ TAMB ≤ +85°C for industrial
-40°C
≤ TAMB ≤ +125°C for extended
LC Signal Input
Sinusoidal 300 mVPP
Carrier Frequency
125 kHz
LCCOM connected to VSS
Param
No.
Sym.
Characteristic
Min
Typ†
Max
Units
Conditions
*
Parameter is characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note 1:
Required output enable filter high time must account for input path analog delays = TOEH - TDR + TDF
2:
Required output enable filter low time must account for input path analog delays (= TOEL + TDR - TDF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com