Electronic Components Datasheet Search
  English  ▼

X  

12F635 Datasheet(PDF) 172 Page - Microchip Technology

Part # 12F635
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F635 Datasheet(HTML) 172 Page - Microchip Technology

Back Button 12F635 Datasheet HTML 168Page - Microchip Technology 12F635 Datasheet HTML 169Page - Microchip Technology 12F635 Datasheet HTML 170Page - Microchip Technology 12F635 Datasheet HTML 171Page - Microchip Technology 12F635 Datasheet HTML 172Page - Microchip Technology 12F635 Datasheet HTML 173Page - Microchip Technology 12F635 Datasheet HTML 174Page - Microchip Technology 12F635 Datasheet HTML 175Page - Microchip Technology 12F635 Datasheet HTML 176Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 170
Preliminary
© 2005 Microchip Technology Inc.
TE
Time element of pulse
200
—
—
μs
TOEH
Minimum output enable filter high
time
OEH (Bits Config0<7:6>)
01
= 1 ms
10
= 2 ms
11
= 4 ms
00
= Filter Disabled
32 (~1ms)
64 (~2ms)
128 (~ms)
—
—
—
—
—
—
—
—
—
clock
count
RC oscillator = FOSC
Viewed from the pin input:
(Note 1)
TOEL
Minimum output enable filter low
time
OEL (Bits Config0<5:4>)
00
= 1 ms
01
= 1 ms
10
= 2 ms
11
= 4 ms
32 (~1ms)
32 (~1ms)
64 (~2ms)
128 (~4ms)
—
—
—
—
—
—
—
—
clock
count
RC oscillator = FOSC
Viewed from the pin input:
(Note 2)
TOET
Maximum output enable filter
period
OEH
OEL
TOEH
TOEL
01
00
= 1 ms
1 ms
01
01
= 1 ms
1 ms
01
10
= 1 ms
2 ms
01
11
= 1ms
4ms
10
00
= 2 ms
1 ms
10
01
= 2 ms
1 ms
10
10
= 2 ms
2 ms
10
11
= 2 ms
4 ms
11
00
= 4 ms
1 ms
11
01
= 4 ms
1 ms
11
10
= 4 ms
2 ms
11
11
= 4 ms
4 ms
00
XX
= Filter Disabled
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
96 (~3ms)
96 (~3ms)
128 (~4ms)
192 (~6ms)
128 (~4ms)
128 (~4ms)
160 (~5ms)
250 (~8ms)
192 (~6ms)
192 (~6ms)
256 (~8ms)
320 (~10ms)
—
clock
count
RC oscillator = FOSC
LFDATA output appears as long as input
signal level is greater than VSENSE.
IRSSI
RSSI current output
—
—
—
—
100
1
10
100
—
—
—
—
μA
μA
μA
μA
VDD = 3.0V,
VIN = 0 to 4 VPP
Linearly increases with input signal amplitude.
Tested at VIN = 40 mVPP, 400 mVPP, and
4VPP
VIN = 40 mVPP
VIN = 400 mVPP
VIN = 4 VPP
IRSSILR
RSSI current linearity
—
TBD
—
—
15.11 AC Characteristics: Analog Front-End for PIC16F639 (industrial, extended) (Continued)
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Supply Voltage
2.0V
≤ VDD ≤ 3.6V
Operating temperature
-40°C
≤ TAMB ≤ +85°C for industrial
-40°C
≤ TAMB ≤ +125°C for extended
LC Signal Input
Sinusoidal 300 mVPP
Carrier Frequency
125 kHz
LCCOM connected to VSS
Param
No.
Sym.
Characteristic
Min
Typ†
Max
Units
Conditions
*
Parameter is characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note 1:
Required output enable filter high time must account for input path analog delays = TOEH - TDR + TDF
2:
Required output enable filter low time must account for input path analog delays (= TOEL + TDR - TDF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com