Electronic Components Datasheet Search
  English  ▼

X  

12F635 Datasheet(PDF) 173 Page - Microchip Technology

Part # 12F635
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F635 Datasheet(HTML) 173 Page - Microchip Technology

Back Button 12F635 Datasheet HTML 169Page - Microchip Technology 12F635 Datasheet HTML 170Page - Microchip Technology 12F635 Datasheet HTML 171Page - Microchip Technology 12F635 Datasheet HTML 172Page - Microchip Technology 12F635 Datasheet HTML 173Page - Microchip Technology 12F635 Datasheet HTML 174Page - Microchip Technology 12F635 Datasheet HTML 175Page - Microchip Technology 12F635 Datasheet HTML 176Page - Microchip Technology 12F635 Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 171
PIC12F635/PIC16F636/639
15.12 SPI Timing: Analog Front-End (AFE) for PIC16F639
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Supply Voltage
2.0V
≤ VDD ≤ 3.6V
Operating temperature
-40°C
≤ TAMB ≤ +85°C for industrial
-40°C
≤ TAMB ≤ +125°C for extended
LC Signal Input
Sinusoidal 300 mVPP
Carrier Frequency
125 kHz
LCCOM connected to VSS
Param
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
FSCLK
SCLK Frequency
—
—
3
MHz
Tcssc
CS fall to first SCLK edge
setup time
100
—
—
ns
TSU
SDI setup time
30
—
—
ns
THD
SDI hold time
50
—
—
ns
THI
SCLK high time
150
—
—
ns
TLO
SCLK low time
150
—
—
ns
TDO
SDO setup time
—
—
150
ns
TSCCS
SCLK last edge to CS rise
setup time
100
—
—
ns
TCSH
CS high time
500
—
—
ns
TCS1CS rise to SCLK edge setup
time
50
—
—
ns
TCS0
SCLK edge to CS fall setup
time
50
—
—
ns
SCLK edge when CS is high
TSPIR
Rise time of SPI data
(SPI Read command)
—10
—
ns
VDD
= 3.0V. Time is measured from 10%
to 90% of amplitude
TSPIF
Fall time of SPI data
(SPI Read command)
—10
—
ns
VDD
= 3.0V. Time is measured from 90%
to 10% of amplitude
*
Parameter is characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1:
Required output enable filter high time must account for input path analog delays = TOEH - TDR + TDF
2: Required output enable filter low time must account for input path analog delays (= TOEL + TDR - TDF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com