Electronic Components Datasheet Search
  English  ▼

X  

BMA020 Datasheet(PDF) 14 Page - Bosch Sensortec GmbH

Part # BMA020
Description  Digital, triaxial acceleration sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA020 Datasheet(HTML) 14 Page - Bosch Sensortec GmbH

Back Button BMA020 Datasheet HTML 10Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 11Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 12Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 13Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 14Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 15Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 16Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 17Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 18Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
Data sheet
BMA020
Digital, triaxial acceleration sensor
Bosch Sensortec
Rev. 1.2
Page 14
30 May 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
3.2.6 Latch_INT
If this bit (address 15h, bit 4) is at 1, interrupts are latched. The INT pad stays high until
microprocessor detects it and writes reset_INT control bit to 1 (section 3.3.1). When this bit is at
0, interrupts are set and reset directly by BMA020 according to programmable criteria (sections
3.2.7 and 3.2.8).
3.2.7 LG_thres, LG_hyst, LG_dur, counter_LG
LG_thres (address 0C, bits 7-0 / low-g threshold) and LG_hyst (address 11h, bits 2-0 / low-g
threshold hysteresis) can basically (although not recommended with BMA020) be used to detect
a free fall. The threshold and duration codes define one criterion for interrupt generation when
absolute value of acceleration is low for long enough duration.
Data format is unsigned integer.
LG_thres criterion_x is true if
|acc_x | ≤ LG_thres / 255 * range
LG_thres interrupt is set if
(LG_thres criterion_x AND LG_thres criterion_y AND
LG_thres criterion_z) AND interrupt counter = (LG_dur+1)
LG_thres criterion_x is false if
|acc_x | > (LG_thres + 32*LG_hyst) / 255 * range
LG_thres interrupt is reset if
NOT(LG_thres criterion_x AND LG_thres criterion_y AND
LG_thres criterion_z)
LG_thres and LG_hyst codes must be chosen to have (LG_thres + 32*LG_hyst) < 511.
When LG_thres criterion becomes active, an interrupt counter is incremented by 1 LSB/ms.
When the low-g interrupt counter value equals (LG_dur+1), an interrupt is generated.
Depending on counter_LG (address 0Bh, bit 3 and 2) register, the counter could also be reset
or count down when LG_thres criterion is false.
Table 6: Description of debouncing counter counter_LG
counter_LG<1:0>
low acceleration interrupt counter status when
LG_thres criteria is false
00
reset
01
Count down by 1 LSB/ms
10
Count down by 2 LSB/ms
11
Count down by 3 LSB/ms
If latch_INT=0, the interrupt is not a latched interrupt and then it is reset as soon as LG_thres
criteria becomes false. When interrupt occurs, the interrupt counter is reset.
Remark: The LG_thres criteria is set with an AND condition on all three axes to be used for free
fall detection. However, please note due to the relatively wide sensitivity tolerance of the
BMA020 the absolute threshold values for low-g and high-g interrupt can only provide a rough
estimation of the motion profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com