Electronic Components Datasheet Search
  English  ▼

X  

BMA020 Datasheet(PDF) 35 Page - Bosch Sensortec GmbH

Part # BMA020
Description  Digital, triaxial acceleration sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA020 Datasheet(HTML) 35 Page - Bosch Sensortec GmbH

Back Button BMA020 Datasheet HTML 31Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 32Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 33Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 34Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 35Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 36Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 37Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 38Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 39Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
Data sheet
BMA020
Digital, triaxial acceleration sensor
Bosch Sensortec
Rev. 1.2
Page 35
30 May 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
To be able to access registers in read mode, first address has to be send in write mode. Then a
stop and a start conditions are issued and data bytes are transferred with automatic address
increment:
Figure 16: I²C multiple read protocol. Address register is first written to BMA020, the RW=0
(lowest acceleration data located at address 02h). I²C transfer is stopped and restarted with
RW=1, address is automatically incremented and the 6 bytes can be sequentially read out.
Start
RW ACK
ACK Stop
0111
0000
X
00000
10
Start
RW ACK
ACK
ACK
0111
0001
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
…
ACK
ACK
…
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
…
ACK
NACK
Stop
…
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Data byte
Data byte
Register data - adress 04h
Register data - adress 05h
P
Data byte
Data byte
Register data - adress 06h
Register data - adress 07h
S
Slave Adress
Register adress (02h)
Slave Adress
Register data - adress 03h
Register data - adress 02h
Control byte
P
Data byte
Data byte
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com