Electronic Components Datasheet Search
  English  ▼

X  

BMA020 Datasheet(PDF) 32 Page - Bosch Sensortec GmbH

Part # BMA020
Description  Digital, triaxial acceleration sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA020 Datasheet(HTML) 32 Page - Bosch Sensortec GmbH

Back Button BMA020 Datasheet HTML 28Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 29Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 30Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 31Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 32Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 33Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 34Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 35Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 36Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
Data sheet
BMA020
Digital, triaxial acceleration sensor
Bosch Sensortec
Rev. 1.2
Page 32
30 May 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Start and stop conditions:
Data transfer begins by a falling edge on SDA when SCK is high (start condition (S) indicated by
I²C bus master). Stop condition (P) is a rising edge on SDA when SCK is high (see figure 12).
Bit transfer:
One data bit is transferred during each SCK pulse. Data on SDA line must remain stable during
high period of SCK pulse (see figure 13).
Acknowledge:
After start condition each byte of data transfer is followed by an acknowledge bit. The
transmitter let the SDA line high (no pull down) and generates a high SCK pulse. If BMA020 has
been addressed and data transfer has performed correctly it generates a low SDA level (active
pull down). Then SDA line is let free enabling the next transfer (see figure 14).
Figure 12: Timing diagram for I²C start and stop condition (SDI=SDA)
SDI
SCK
Start condition
S
P
Stop condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com