Electronic Components Datasheet Search
  English  ▼

X  

BMA020 Datasheet(PDF) 22 Page - Bosch Sensortec GmbH

Part # BMA020
Description  Digital, triaxial acceleration sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA020 Datasheet(HTML) 22 Page - Bosch Sensortec GmbH

Back Button BMA020 Datasheet HTML 18Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 19Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 20Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 21Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 22Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 23Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 24Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 25Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 26Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
Data sheet
BMA020
Digital, triaxial acceleration sensor
Bosch Sensortec
Rev. 1.2
Page 22
30 May 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
3.5.2 New_data_x, new_data_y, new_data_z
These bits (New_data_x (02h, 0), new_data_y (04h, 0), new_data_z (06h, 0)) are flags which
are turned at 1 when acceleration registers have been updated. Reading acceleration data MSB
or LSB registers turns the flags at 0. The flag value can be read by microprocessor.
3.5.3 Al_version, ml_version, chip_id
al_version (address 01h, bit 7-4) and ml_version (address 01h, bit 3-0) are used to identify the
chip revision. These codes are programmed with metal layer.
chip_id (address 00h, bit 2-0) is used by customer to be able to recognize BMA020. This code is
fixed to 010b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com