Electronic Components Datasheet Search
  English  ▼

X  

TP1550 Datasheet(PDF) 10 Page - Billiton Ltd.

Part # TP1550
Description  High Accuracy ContaInment / Constant Flow Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP1550 Datasheet(HTML) 10 Page - Billiton Ltd.

Back Button TP1550 Datasheet HTML 5Page - Billiton Ltd. TP1550 Datasheet HTML 6Page - Billiton Ltd. TP1550 Datasheet HTML 7Page - Billiton Ltd. TP1550 Datasheet HTML 8Page - Billiton Ltd. TP1550 Datasheet HTML 9Page - Billiton Ltd. TP1550 Datasheet HTML 10Page - Billiton Ltd. TP1550 Datasheet HTML 11Page - Billiton Ltd. TP1550 Datasheet HTML 12Page - Billiton Ltd. TP1550 Datasheet HTML 13Page - Billiton Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
南京拓品微电子有限公司
NanJing Top Power ASIC Corp.
Rev1.1
(4)恒流/限压方案 2:驱动多颗串联 LED 方案,以两颗为例
驱动两颗
LED 时,由于 TP1550 输出最高典型值为 5V,所以采用如图 11 的原理图。次级两组
变压器的匝数比为
1:1 时,VB=2VA,确保了 LED 两端的电压。
图
11 恒流驱动两颗 LED 原理图
图
11 所示电路为驱动多颗 LED 串联的典型应用,次级与辅助部分电路与图 8 电路相同



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com