Electronic Components Datasheet Search
  English  ▼

X  

TP1550 Datasheet(PDF) 8 Page - Billiton Ltd.

Part # TP1550
Description  High Accuracy ContaInment / Constant Flow Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP1550 Datasheet(HTML) 8 Page - Billiton Ltd.

Back Button TP1550 Datasheet HTML 4Page - Billiton Ltd. TP1550 Datasheet HTML 5Page - Billiton Ltd. TP1550 Datasheet HTML 6Page - Billiton Ltd. TP1550 Datasheet HTML 7Page - Billiton Ltd. TP1550 Datasheet HTML 8Page - Billiton Ltd. TP1550 Datasheet HTML 9Page - Billiton Ltd. TP1550 Datasheet HTML 10Page - Billiton Ltd. TP1550 Datasheet HTML 11Page - Billiton Ltd. TP1550 Datasheet HTML 12Page - Billiton Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
南京拓品微电子有限公司
NanJing Top Power ASIC Corp.
Rev1.1
元器件清单:
器件名称
规格
器件名称
规格
D1-D4
Diode, Rectifier,1N4007
C1,C2
E-Cap,4.7μF/400V
D5
Diode,Fast,FR107,1A/1000V
C3
E-Cap,10μF/25V
D6
Diode,Fast,FR107,1A/1000V
C4
Capacitor,Ceramic,1nF/1KV
D7
Diode,Schottky,SR1045,10A/45V
C5
Capacitor,Ceramic,0.22uF/25V
R1
Resistor,2M,1/4W,
± 5%
C6
Capacitor,Ceramic,222pF/100V
R2
Resistor,270K,1/4W,
± 5%
C7
E-Cap,680μF/10V*2,Low ESR
R3
Resistor,47R,1/8W,
± 5%
C8
E-Cap,220μF/10V,Low ESR
R4
Resistor,2K,1/8W,
± 5%
L1
Inductor, Color Ring,1.5mH
RcsA
Resistor,3R,1/4W,
± 1%
IC
TP1001,TP1550,光耦 817
RcsB
Resistor,2.2R,1/4W,
± 1%
Q1
NPN,13003,TO-126
Ro
Resistor,0.05R,1/4W,
± 1%
T
Transformer EE19, LM=1.5mH
Np:Ns:NAUX=120T:8T:9T
(2)恒压方案:恒压输出 5V
此方案具有成本低,输出纹波小,精度高等优点,原理图如图
9 所示,TP1550 的 RS 端口与
GND 端口短接。
Vo
+
C1
Q1
Np
Ns
Vs
Ip
VAUX
NAUX
LM
TP1001
R1
R2
C4
C3 +
+
R3
C6
D6
D5
D7
D1
D3
D2
D4
VD
OB
FB
CS
GND
EMI
Filter
C7
C5
817
R4
+
+
TP1550
LED
RS
GND
VO
+
C8
+
L1
C2
RCS
B
RCS
A
图
9 恒压 5V 输出原理图



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com