Electronic Components Datasheet Search
  English  ▼

X  

FP6791C Datasheet(PDF) 3 Page - Fitipower Integrated Technology Inc.

Part # FP6791C
Description  PWM Boost DC-DC Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6791C Datasheet(HTML) 3 Page - Fitipower Integrated Technology Inc.

  FP6791C Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FP6791C-1.1-FEB-2012
FP6791C
85T
fitipower integrated technology lnc.
Functional Pin Description
Pin Name
Pin Function
CC
Error amplifier circuit output and phase compensation pin
FB
Output voltage feedback pin
CSP
Short-circuit protection delay time setting pin
VIN
Power supply input pin
EXT
External transistor connection pin
VSS
GND pin
ROSC
Oscillation frequency setting resistor connection pin
RDUTY
Maximum duty setting resistor connection pin
Block Diagram
Oscillator
Maximum duty circuit
Timer latch
short-circuit
protection circuit
UVLO
Reference voltage
(1V) soft-start circuit
-
+
-
+
CC
CSP
VSS
EXT
VIN
RDUTY
ROSC
FB
PWM
comparator
Error
amplifier
Figure 3. Block Diagram of FP6791C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com