Electronic Components Datasheet Search
  English  ▼

X  

FP6791C Datasheet(PDF) 12 Page - Fitipower Integrated Technology Inc.

Part # FP6791C
Description  PWM Boost DC-DC Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6791C Datasheet(HTML) 12 Page - Fitipower Integrated Technology Inc.

Back Button FP6791C Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 13Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
FP6791C-1.1-FEB-2012
FP6791C
85T
fitipower integrated technology lnc.
Applications Information (Continued)
Select
a
MOSFET
whose
RDS-ON
and
input
capacitance are optimal depending on the usage
conditions.
The input voltage is supplied for the
gate voltage of the MOSFET, so select a MOSFET
with a gate withstanding voltage that is equal to
maximum usage value of the input voltage or higher
and drain withstanding voltage that is equal to the
output voltage and diode voltage or higher.
An
enhancement N-channel MOSFET can be selected
by the following guidelines:
1. Low RDS-ON.
2. Low gate threshold voltage.
3. Rated continuous drain current should be larger
than the peak inductor current.
4. Low gate capacitance.
If a MOSFET with a threshold near the UVLO
detection voltage is used, a large current may flow
and stop the output voltage from rising and possibly
generating heat in the worst case.
Select a
MOSFET with a threshold that is sufficiently lower
than the UVLO detection voltage value.
Feed-forward Capacitor Selection
The feed-forward capacitor (CF) is used to improve
the performance of internally compensated DC-DC
converter.
To optimize transient response, a
feed-forward capacitor value is chosen such that the
gain and phase of the feedback increases the
bandwidth of the converter, while still maintaining an
acceptable phase margin.
In general, capacitor
causes the loop gain to crossover too high in
frequency and the feed-forward capacitor phase
contribution is insufficient, resulting in unacceptable
phase margin or instability.
The following process
outlines a step by step procedure for optimizing the
feed-forward capacitor.
1.
Determine the crossover frequency of converter.
2. Once
the
crossover
frequency is
known,
the
equation allows calculation of feed-forward capacitor
value which prompts a good compromise between
bandwidth
improvement
and
acceptable
phase
margin.
The feed-forward capacitor is selected by the
following formula:


2
FB
1
FB
1
FB
crossover
FB
R
1
R
1
R
1
f
2
1
C
Layout Recommendation
For high frequency switching power supplies, the
device
’s performance including efficiency, output
noise, transient response and control loop stability
are dramatically affected by PCB layout.
There are some general guidelines for layout:
1. Place the external power components (the input
capacitors,
output
capacitors,
inductor
and
diode, etc.) in close proximity to the device.
The traces which connect to these components
should be as short and wide as possible to
minimize parasitic inductance and resistance.
2. Place output capacitor next to Schottky diode as
possible.
3. Place input capacitor close to the VIN pin.
4. The input and output capacitors
’ ground should
be wide and short enough to connect to a ground
plane.
5. The feedback network should sense the output
voltage directly form the point of load, and be as
far away from noisy loop as possible.
6. The compensation circuit should be away from
the power loops and should be shielded with a
ground trace to prevent noise coupling.
7. Place the resistor close to RDUTY and ROSC
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com