Electronic Components Datasheet Search
  English  ▼

X  

FP6791C Datasheet(PDF) 7 Page - Fitipower Integrated Technology Inc.

Part # FP6791C
Description  PWM Boost DC-DC Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6791C Datasheet(HTML) 7 Page - Fitipower Integrated Technology Inc.

Back Button FP6791C Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 11Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FP6791C-1.1-FEB-2012
FP6791C
85T
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
CH1: Output Voltage, AC-Coupled
CH2: Switch Point
CH4: Loading Current
VIN=5V, VOUT=10.5V, ILOAD form 1mA to 100mA,
L=10
μH, FREQ=1.1MHz, COUT=4.7μF*4+0.1μF*2
Figure 10. VFB vs. Junction Temperature
Figure 11. Load transient Response
CH1: Output Voltage, AC-Coupled
CH2: Switch Point
CH4: Loading Current
VIN=5V, VOUT=10.5V, ILOAD form 1mA to 200mA,
L=10
μH, FREQ=1.1MHz, COUT=4.7μF*4+0.1μF*2
CH1: Output Voltage, AC-Coupled
CH2: Switch Point
CH4: Loading Current
VIN=5V, VOUT=10.5V, ILOAD form 1mA to 300mA,
L=10
μH, FREQ=1.1MHz, COUT=4.7μF*4+0.1μF*2
Figure 12. Load transient Response
Figure 13. Load transient Response
-40
-20
0
20
40
60
80
0.980
0.985
0.990
0.995
1.000
1.005
1.010
1.015
1.020
V
IN
=5V, V
OUT
=10.5V, L=10uH
Freq=1.1MHz
Junction Temperature
(
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com