Electronic Components Datasheet Search
  English  ▼

X  

FP6791C Datasheet(PDF) 11 Page - Fitipower Integrated Technology Inc.

Part # FP6791C
Description  PWM Boost DC-DC Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6791C Datasheet(HTML) 11 Page - Fitipower Integrated Technology Inc.

Back Button FP6791C Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 13Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FP6791C-1.1-FEB-2012
FP6791C
85T
fitipower integrated technology lnc.
Applications Information (Continued)
Where
expected efficiency at that operating point.
The value can be taken form an appropriate curve in
the typical operating characteristics.
∆I
L=inductor
ripple current, IL(MAX) =inductor peak current.
In
addition, the following equation used here assumes
a constant K, which is the ratio of the inductor
peak-to-peak AC current to average DV inductor
current.
A good compromise between the size of
the inductor versus loss and output ripple is to
choose a K 0.3 to 0.5.
The peak inductor current is
given by:
∆
UT(MAX) V UT
V (M )
1
2
Where K=ratio of the inductor peak-to-peak AC
current to average DC inductor current,
∆I
L=inductor
ripple current.
The inductor value is then given by:
)
MAX
(
OUT
OUT
OSC
2
)
MIN
(
IN
I
V
f
K
D
V
L
Where
uty cycle
V (M )
VF V UT
(MAX)
ds(on)
VF V UT
VF = Catch diode forward drop
f = Switching frequency
The inductor
’s saturation current rating should
exceed IL(MAX) and the inductor DC current rating
should exceed IIN(DC,MAX).
Rectifier diode selection
The diode is the largest source of loss in DC-DC
converters.
A high speed diode is necessary due to
the high switching frequency.
The Schottky diodes
are recommended because of their fast recovery
time and low forward drop voltage for better
efficiency.
The forward drop voltage of the Schottky
diode will result in the conduction losses in the diode,
and the diode capacitance will cause the switching
losses.
Therefore, it is necessary to consider both
forward voltage drop and diode capacitance for
diode selection.
In addition, the reverse voltage
rating of this diode should 1.3 times of the maximum
output voltage.
The rectifier diode must meet the
output and peak inductor current requirement.
Output Capacitor Selection
The capacitor on the output side (COUT) is used for
sustaining the output voltage when the external
MOSFET or diode is switched on and smoothing the
ripple voltage.
Select an appropriate capacitance
value based on the load condition.
For lower
output
voltage
ripple,
the
low
ESR
ceramic
capacitor is recommended.
The output voltage
ripple consists of two components.
One is the
pulsating output ripple current through ESR, and the
other is the capacitive ripple caused by charging
and discharging.
C
_
RIPPLE
ESR
_
RIPPLE
O
V
V
V


OSC
OUT
IN
OUT
OUT
L
ESR
L
f
V
V
V
C
I
R
I
Where
∆V
O=output
voltage ripple,
∆I
L=inductor
ripple current, IL(MAX) = inductor peak current.
The optimal capacitor differs depending on the
inductor value, wiring, and application (output load),
so select the capacitor after performing sufficient
evaluation under the actual usage condition.
Input Capacitor Selection
The capacitor on input side (CIN) can stabilize the
input voltage and minimize peak current ripple form
the power source for better efficiency.
The value
of the capacitor depends on the impedance of the
input source used.
For better input bypassing, low
ESR ceramic capacitor is recommended for better
performance.
External Switch Transistor
An enhancement N-channel MOSFET or a bipolar
NPN transistor can be used as the external switch
transistor.
For high efficiency, it
’s ideal to use a
MOSFET with a low RDS-ON and small input
capacitance.
It is a more efficient switch than a
bipolar NPN transistor.
The RDS-ON and input
capacitance generally share a trade-off relationship.
The RDS-ON is efficient in a range which the output
current is relatively great during low frequency
switching, and the input capacitance is efficient in a
rang which the output current is middling during
high frequency switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com