Electronic Components Datasheet Search
  English  ▼

X  

FP6791C Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6791C
Description  PWM Boost DC-DC Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6791C Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6791C Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
FP6791C-1.1-FEB-2012
FP6791C
85T
fitipower integrated technology lnc.
PWM Boost
DC-DC Controller
Pin Assignment
TS Package (TSSOP-8)
FB
CC
VIN
CSP
2
3
4
6
5
7
8
1
RDUTY
EXT
VSS
ROSC
Figure 1. Pin Assignment of FP6791C
Ordering Information
Description
The
FP6791C
is
a
CMOS
step-up
switching
controller which incorporates a reference voltage
circuit, an oscillator, an error amplifier, a PWM
controller, an under voltage lockout circuit (UVLO)
and a timer latch short-circuit protection circuit.
The switching frequency can be controlled by the
resistor connected to the ROSC pin, and the
maximum duty ratio can be controlled by the resistor
connected to the RDUTY pin.
In
addition,
the
FP6791C
provides
adjustable
short-circuit protection delay time with an external
capacitor which is connected to the CSP pin.
If the
maximum
duty
condition
continues
due
to
short-circuiting, the capacitor externally connected to
the CSP pin will be charged, and oscillation will stop
after a specific time.
This condition will be cleared
by re-application of power.
This controller IC allows
various settings and employs a small package, which
make it easy to use.
Features
● Programmed Switching Frequency
● Programmed Maximum Duty Ratio
● Reference Voltage: 1.0V ±1.5%
● UVLO (Under-Voltage Lockout) Function:
▪ Detection Voltage 2.2V
▪ Hysteresis Width 0.3V
● Timer Latch Short-Circuit Protection Circuit: Delay
Time Set by an External Capacitor.
● Internal Soft-Start Function
● External Compensation Network
● Small Package: 8-pin TSSOP
● RoHS Compliant
Applications
● LCD Panel
● Portable Equipment
G: Green
TR: Tape/Reel
Package Type
TS: TSSOP-8
FP6791C
□□□


Similar Part No. - FP6791C

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6790 FITIPOWER-FP6790 Datasheet
414Kb / 8P
Low-Noise Boost DC-DC Converter
FP6790MSGTR FITIPOWER-FP6790MSGTR Datasheet
414Kb / 8P
Low-Noise Boost DC-DC Converter
FP6790MSPTR FITIPOWER-FP6790MSPTR Datasheet
414Kb / 8P
Low-Noise Boost DC-DC Converter
FP6795 FITIPOWER-FP6795 Datasheet
574Kb / 9P
Low-Noise Boost DC-DC Converter
FP6795MPGTR FITIPOWER-FP6795MPGTR Datasheet
574Kb / 9P
Low-Noise Boost DC-DC Converter
More results

Similar Description - FP6791C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
logo
Rohm
BD9615MUV-LB ROHM-BD9615MUV-LB Datasheet
2Mb / 33P
1ch Boost DC/DC Controller
logo
Shenzhen Huazhimei Semi...
HM5309 HMSEMI-HM5309 Datasheet
468Kb / 9P
PFM boost DC-DC controller
logo
QX Micro Devices Co.,Lt...
QX2305 QXMD-QX2305 Datasheet
523Kb / 2P
PFM boost DC-DC controller
logo
Shenzhen Huazhimei Semi...
HM1532 HMSEMI-HM1532 Datasheet
842Kb / 15P
1.2MHz, PWM/PFM switching control, DC-DC boost controller
HM1308 HMSEMI-HM1308 Datasheet
584Kb / 6P
PWM control DC-DC boost controller
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
Boost/buck-boost DC-DC controller
HM5667 HMSEMI-HM5667 Datasheet
837Kb / 6P
PWM control DC-DC boost controller?봟acklight LED driver
logo
Richtek Technology Corp...
RT4809 RICHTEK-RT4809 Datasheet
559Kb / 11P
DC-DC Boost Converter for PWM Controller
December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com