Electronic Components Datasheet Search
  English  ▼

X  

FM05MTS Datasheet(PDF) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # FM05MTS
Description  High precision CC/CV primary side control power switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

FM05MTS Datasheet(HTML) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  FM05MTS Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM05MTS Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM05MTS Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM05MTS Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM05MTS Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM05MTS Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM05MTS Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM05MTS Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
FM05MTS(文件编号:S&CIC1068)
高精度 CC/CV 原边控制功率开关
第 3 页 共 8 页
CS 管脚部分
过流限制电压
Vcs
0.49
0.5
0.51
V
前沿消隐时间
LEB
400
nS
VCC 管脚部分
启动电流
Istart
5
10
uA
VCC 启动电压
Vcc(on)
13.5
15.2
17
V
VCC 关断电压
Vcc(off)
5.5
6.6
7.5
V
静态工作电流
Iccq
0.7
mA
过压保护电压
Vcc(ovp)
17.5
18.5
19.5
V
CAB 管脚部分
线缆补偿电压占输出电压的比例
(Rb 是连接到 CAB 和 GND 的电子,单位 Kohm)
Kcab
0.012*
%
八、
典型应用线路
充电器应用线路
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
22-Mar-2013
Sheet of
File:
E:\E盘\规格书\规格图\规格图-0\ZBO\FM05MTS.ddb
Drawn By:
C1
4.7uF/400V 8*12
D5
FR107 DO-41
C3
472/250V
R3
100K 1206
R2
2M 1206
F1
F1A/250V 3.6*10mm
AC220V
AC220V
D7
SR5100DO-201AD
C6
1000uF10V 8*12(高频低阻)
5V2A
GND
R9
2K0805
1
3
D1-D4
IN4007 DO-41
T1
EE22
CABLE
C
C4
22UF/50V 5*11(高频低阻)
T1
EF20
D6
IN4148 DO-35
VCC
R4
33K08055%
R5
20K08055%
FB
GND
R6a
2R1206
R7
***
C8
10nF/50V0805
CS/E
C2
6.8uF/400V 10*16
L1
1000uH
R1
4.7K 0805
C7
470uF/10V 8*12(高频低阻)
D8
SR5100DO-201AD
L2
10UH 6*8
R8
1K0805
LED1
LED-R
R6b
2R1206
C5
33pf
1
8
2
7
3
6
4
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com