Electronic Components Datasheet Search
  English  ▼

X  

FM05MTS Datasheet(PDF) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # FM05MTS
Description  High precision CC/CV primary side control power switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

FM05MTS Datasheet(HTML) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  FM05MTS Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM05MTS Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM05MTS Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM05MTS Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM05MTS Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM05MTS Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM05MTS Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM05MTS Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
FM05MTS(文件编号:S&CIC1068)
高精度 CC/CV 原边控制功率开关
第 4 页 共 8 页
射灯应用线路
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
22-Mar-2013
Sheet of
File:
E:\E盘\规格书\规格图\规格图-0\ZBO\FM05MTS\FM05MTS.ddb
Drawn By:
C1
10uF/400V 10*16
D5
RS1M DO-214AC
C2
472/250V
R3
100K 1206
R1a
1M1206
F1
F1A/250V 3.6*10mm
AC220V
AC220V
D7
HER208DO-15
C6
100uF/63V 8*12
8-12W
GND
R7
10K 0805
1
3
D1-D4
M7 DO-214AC
T1
FM06MTD-8W
CABLE
C
C3
10UF/50V 5*11(高频低阻)
T1
EF20
D6
RS1M DO-214AC
VCC
R4
30K 0805 5%
R5
6.8K 0805 5%
FB
GND
R3a
1.8R 1206
R7
***
C4
10nF/50V 0805
CS/E
LED1
LED-R
R3b
1.3R 1206
C5
33pf
1
8
2
7
3
6
4
5
LED2
LED-R
LED**
LED-R
R1b
1M1206
C5
100uF/63V 8*12
九、
BOM 表
充电器 BOM 表
元件名称
型号&规格
单位
用量
位置
PCB
FM05MTS V1.0
1.6mm 半玻纤板
PCS
1
贴片电阻
4.7K
0805
5%
PCS
1
R1
贴片电阻
1M
1206
5%
PCS
2
R2a、R2b
贴片电阻
100K
1206
5%
PCS
1
R3
贴片电阻
33K
0805
5%
PCS
1
R4
贴片电阻
13K
0805
5%
PCS
1
R5
贴片电阻
1R
1206
5%
PCS
1
R6a
贴片电阻
1.3R
1206
5%
PCS
1
R6b
贴片电阻
1K
0805
5%
PCS
2
R8、R9
保险电阻
10R/1W
5%
PCS
1
FR
贴片电容
33pF/50V
0805
20%
PCS
1
C5
贴片电容
10nF/50V
0805
20%
PCS
1
C8
电解电容
4.7uF/400V
8*12
20%
PCS
2
C1、C2
电解电容
22uF/50V
5*11
20%
PCS
1
C4
高频电解电容
1000uF/10V
8*12
20%
PCS
1
C6
高频电解电容
470uF/10V
8*12
20%
PCS
1
C7
绦纶电容
472/250V
5%
PCS
1
C3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com