Electronic Components Datasheet Search
  English  ▼

X  

FM7607 Datasheet(PDF) 6 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # FM7607
Description  Non-isolated step-down four-stage dimming LED constant current driver IC based on wall switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

FM7607 Datasheet(HTML) 6 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  FM7607 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7607 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7607 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7607 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7607 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7607 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
FM7607 文件编号:S&CIC1353)
基于墙壁开关非隔离降压型四段调光
LED 恒流驱动 IC
www.superchip.cn
第
6 页 共 6 页
Version 1.0
电气性能要求
a)
感量测试(
10KHz@1V)
感量
L5-6=1.8mH ±5%
b)
耐压测试(
AC 50Hz)
PRI.TO SEC. -------------------- 3KVAC /3mA/5S
PRI.TO CORE. -------------------- 1.50KVAC /3mA/5S
SEC.TO CORE. -------------------- 1.50KVAC /3mA/5S
封装信息
SYMBOL
MILLIMETER
MIN
NOM
MAX
A
--
1.61
1.66
A1
--
0.10
0.25
A2
1.47
1.52
1.57
A3
0.61
0.66
0.71
b
0.35
0.40
0.45
c
0.17
0.22
0.25
D
9.80
9.90
10.0
E
5.90
6.00
6.10
E1
3.80
3.90
4.00
e
1.27BSC
L
0.60
0.65
0.70
L1
1.05BSC
θ
0°
4°
6°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com