Electronic Components Datasheet Search
  English  ▼

X  

FM7607 Datasheet(PDF) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # FM7607
Description  Non-isolated step-down four-stage dimming LED constant current driver IC based on wall switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

FM7607 Datasheet(HTML) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  FM7607 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7607 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7607 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7607 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7607 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7607 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
FM7607 文件编号:S&CIC1353)
基于墙壁开关非隔离降压型四段调光
LED 恒流驱动 IC
www.superchip.cn
第
1 页 共 6 页
Version 1.0
概述
FM7607 是一款高精度非隔离降压型四段调光 LED 恒流驱动芯片。芯片工作在电感电流临界连续模式,适用
于 175VAC~265VAC 的输入电压。芯片内置高精度的电流采样电路,保证了 LED 输出的恒流精度和优异的线电
压调整率。具有能够识别墙壁开关次数的记忆模块.
特点
电感电流临界连续模式
无需辅助绕组检测和供电
LED 开路保护
LED 短路保护
CS 电阻短路保护
欠压保护
过热保护
SOP-16 封装
应用
吸顶灯
筒灯
LED 球泡灯
其它
LED 照明
引脚示意图及说明
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
VCC
OUT2
NC
GATE2
CS2
ROVP2
CAP
MODE
NC
NC
ROVP
CS1
GATE
NC
OUT1
GND
SOP-16
序号
引脚名称
引脚说明
1
VCC
电源输入端
2
OUT2
外接
MOS 的源极 S
3
NC
悬空
4
GATE2
外接
MOS 的栅极 G
5
CS2
电流采样端,采样电阻接在
CS 和 GND 端之间
6
ROVP2
开路保护电压调节端,接电阻到地
7
CAP
记忆电容
8
MODE
选择循环 3 状态或 4 状态
9
NC
悬空
10
NC
悬空
11
ROVP1
开路保护电压调节端,接电阻到地
12
CS1
电流采样端,采样电阻接在
CS 和 GND 端之间
13
GATE1
外接
MOS 的栅极 G
14
NC
悬空
15
OUT1
外接
MOS 的源极 S
16
GND
芯片地


Similar Part No. - FM7607

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM7605 FUMAN-FM7605 Datasheet
609Kb / 9P
Non-isolated step-down four-stage dimming LED constant current driver IC
FM7605A FUMAN-FM7605A Datasheet
609Kb / 9P
Non-isolated step-down four-stage dimming LED constant current driver IC
FM7605B FUMAN-FM7605B Datasheet
609Kb / 9P
Non-isolated step-down four-stage dimming LED constant current driver IC
FM7606 FUMAN-FM7606 Datasheet
256Kb / 9P
Non-isolated buck automatic cycle dimming LED constant current driver IC
FM7606A FUMAN-FM7606A Datasheet
256Kb / 9P
Non-isolated buck automatic cycle dimming LED constant current driver IC
More results

Similar Description - FM7607

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tianyuan Semic...
TP8553C TPOWER-TP8553C Datasheet
626Kb / 6P
Three-stage switch dimming non-isolated buck LED constant current driver chip
logo
SHENZHEN FUMAN ELECTRON...
FM7605 FUMAN-FM7605 Datasheet
609Kb / 9P
Non-isolated step-down four-stage dimming LED constant current driver IC
FM7608A FUMAN-FM7608A Datasheet
248Kb / 6P
Non-isolated step-down four-stage dimming LED constant current driver IC based on wall switch
FM8501 FUMAN-FM8501 Datasheet
426Kb / 8P
Non-isolated step-down LED constant current driver IC
FM9022SS FUMAN-FM9022SS Datasheet
431Kb / 8P
Non-isolated step-down LED constant current driver IC
FM9032S FUMAN-FM9032S Datasheet
430Kb / 7P
Non-isolated step-down LED constant current driver IC
FM9129 FUMAN-FM9129 Datasheet
584Kb / 10P
Non-isolated step-down LED constant current driver IC
FM7609 FUMAN-FM7609 Datasheet
258Kb / 7P
Non-isolated step-down PWM dimming color temperature LED constant current driver IC
logo
Shenzhen Huazhimei Semi...
HM7151 HMSEMI-HM7151 Datasheet
498Kb / 6P
Non-isolated step-down LED constant current driver with thyristor dimming
logo
CHIPLINK SEMICONDUCTOR
CL1501 CHIPLINK-CL1501 Datasheet
371Kb / 9P
Non-isolated step-down LED constant current driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com