Electronic Components Datasheet Search
  English  ▼

X  

EG2136 Datasheet(PDF) 7 Page - Jingjing Microelectronics Co., Ltd

Part # EG2136
Description  Three-phase semI-brIdge circuit drive chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EGMICRO [Jingjing Microelectronics Co., Ltd]
Direct Link  http://www.egmicro.com/
Logo EGMICRO - Jingjing Microelectronics Co., Ltd

EG2136 Datasheet(HTML) 7 Page - Jingjing Microelectronics Co., Ltd

Back Button EG2136 Datasheet HTML 3Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 4Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 5Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 6Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 7Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 8Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 9Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 10Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 11Page - Jingjing Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
屹晶微电子有限公司
EG2136 芯片数据手册 V1.0
三相半桥电路驱动芯片
2016 ©屹晶微电子有限公司 版权所有
www.EGmicro.com
7 / 12
6. 典型应用图
HIN1,2,3
LIN1,2,3
VCC
FAULAT
EN
RCIN
ITRIP
VSS
VB1,2,3
VS1,2,3
HO1,2,3
LO1,2,3
COM
600V
OUT
C1
0.1uF
C2
1nF
R1
2M
R3
R2
R4
R5
FR107
1N4148
1N4148
10uF
C3
EG2136
15V
HIN1,2,3
LIN1,2,3
FAULAT
EN
图
6-1. EG2136 典型应用电路图
7. 电气特性
7.1 极限参数
无另外说明,在
TA=25℃条件下,所有电压均以 COM 为参考点
符号
参数名称
测试条件
最小
最大
单位
自举高端
VB 电源
VB
-
-0.3
600
V
高端悬浮地端
VS
-
VB1,2,3-25
VB1,2,3+0.3
V
高端输出
HO
-
VS1,2,3-0.3
VB1,2,3+0.3
V
低端输出
LO
-
-0.3
VCC+0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com