Electronic Components Datasheet Search
  English  ▼

X  

EG2136 Datasheet(PDF) 12 Page - Jingjing Microelectronics Co., Ltd

Part # EG2136
Description  Three-phase semI-brIdge circuit drive chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EGMICRO [Jingjing Microelectronics Co., Ltd]
Direct Link  http://www.egmicro.com/
Logo EGMICRO - Jingjing Microelectronics Co., Ltd

EG2136 Datasheet(HTML) 12 Page - Jingjing Microelectronics Co., Ltd

Back Button EG2136 Datasheet HTML 5Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 6Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 7Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 8Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 9Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 10Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 11Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 12Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 13Page - Jingjing Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
屹晶微电子有限公司
EG2136 芯片数据手册 V1.0
三相半桥电路驱动芯片
2016 ©屹晶微电子有限公司 版权所有
www.EGmicro.com
12 / 12
5. 死区时间波形:
HIN1,2,3
LIN1,2,3
LIN1,2,3
HIN1,2,3
HO1,2,3
LO1,2,3
50%
50%
50%
50%
50%
50%
50%
50%
DT
DT
图
7-4. 死区时间波形图
6. 过流保护波形:
RCIN
ITRIP
FAULT
Any
output
50%
50%
50%
50%
90%
tflt
tfltclr
titrip
Vrcinth+
图
7-5. 过流保护波形图
7. 欠压保护波形:
FAULT
LO1,2,3
VCC
图
7-6. 欠压保护波形图



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com