Electronic Components Datasheet Search
  English  ▼

X  

CMA1306 Datasheet(PDF) 9 Page - Cree, Inc

Part # CMA1306
Description  Cree짰 XLamp짰 CMA1306 LED
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMA1306 Datasheet(HTML) 9 Page - Cree, Inc

Back Button CMA1306 Datasheet HTML 5Page - Cree, Inc CMA1306 Datasheet HTML 6Page - Cree, Inc CMA1306 Datasheet HTML 7Page - Cree, Inc CMA1306 Datasheet HTML 8Page - Cree, Inc CMA1306 Datasheet HTML 9Page - Cree, Inc CMA1306 Datasheet HTML 10Page - Cree, Inc CMA1306 Datasheet HTML 11Page - Cree, Inc CMA1306 Datasheet HTML 12Page - Cree, Inc CMA1306 Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Copyright © 2018-2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.Cree®, the Cree logo, XLamp® and EasyWhite® are registered trademarks and eTone™
is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
9
XLAMP® CMA1306 LED
Notes
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 34).
•
For 80 CRI minimum LEDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LEDs, CRI R9 typical is 60.
FLUX CHARACTERISTICS, ORDER CODES AND BINS - ETONE™ LEDS - 9 V (I
F = 800 mA, TJ = 85 °C)
Nominal
CCT
CRI
Minimum
Luminous
Flux (lm)
Typical
Luminous
Flux (lm)
2-Step
3-Step
Min.
Typ
Group
Order Code
Group
Order Code
4000 K
90
92
825
888
40H
CMA1306-0000-00PC0U0A40H
40G
CMA1306-0000-00PC0U0A40G
95
98
734
789
L5A
CMA1306-0000-00PC0Z0AL5A
3500 K
90
92
814
875
35H
CMA1306-0000-00PC0U0A35H
35G
CMA1306-0000-00PC0U0A35G
95
98
719
773
35H
CMA1306-0000-00PC0Z0A35H
3000 K
90
92
808
868
30H
CMA1306-0000-00PC0U0A30H
30G
CMA1306-0000-00PC0U0A30G
95
98
697
750
30H
CMA1306-0000-00PC0Z0A30H
2700 K
90
92
775
833
27H
CMA1306-0000-00PC0U0A27H
27G
CMA1306-0000-00PC0U0A27G
95
98
665
716
27H
CMA1306-0000-00PC0Z0A27H
Specialty
Nominal
CCT
CRI
Minimum
Luminous
Flux (lm)
Typical
Luminous
Flux (lm)
2-Step
3-Step
Min.
Typ
Group
Order Code
Group
Order Code
Group
Order Code
3100 K
90
92
799
859
31Q
CMA1306-0000-
00PC0U0A31Q
3000 K
90
92
808
868
30Q
CMA1306-0000-
00PC0U0A30Q
30U
CMA1306-0000-
00PC0U0A30U
95
98
677
730
L7C
CMA1306-0000-
00PC0Z0AL7C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com