Electronic Components Datasheet Search
  English  ▼

X  

CMA1306 Datasheet(PDF) 5 Page - Cree, Inc

Part # CMA1306
Description  Cree짰 XLamp짰 CMA1306 LED
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMA1306 Datasheet(HTML) 5 Page - Cree, Inc

  CMA1306 Datasheet HTML 1Page - Cree, Inc CMA1306 Datasheet HTML 2Page - Cree, Inc CMA1306 Datasheet HTML 3Page - Cree, Inc CMA1306 Datasheet HTML 4Page - Cree, Inc CMA1306 Datasheet HTML 5Page - Cree, Inc CMA1306 Datasheet HTML 6Page - Cree, Inc CMA1306 Datasheet HTML 7Page - Cree, Inc CMA1306 Datasheet HTML 8Page - Cree, Inc CMA1306 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Copyright © 2018-2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.Cree®, the Cree logo, XLamp® and EasyWhite® are registered trademarks and eTone™
is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
5
XLAMP® CMA1306 LED
OPERATING LIMITS - CONTINUED
CMA1306 - 18 V
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
0
25
50
75
100
125
150
Case Temperature (°C)
85 °C, 1200 mA
125 °C,
460 mA
18 V
Standard LEDs
CMA1306 - 18 V eTone
0
100
200
300
400
500
600
700
800
900
1000
0
25
50
75
100
125
150
Case Temperature (°C)
85 °C, 800 mA
18 V
eTone LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com