Electronic Components Datasheet Search
  English  ▼

X  

CMA1306 Datasheet(PDF) 4 Page - Cree, Inc

Part # CMA1306
Description  Cree짰 XLamp짰 CMA1306 LED
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMA1306 Datasheet(HTML) 4 Page - Cree, Inc

  CMA1306 Datasheet HTML 1Page - Cree, Inc CMA1306 Datasheet HTML 2Page - Cree, Inc CMA1306 Datasheet HTML 3Page - Cree, Inc CMA1306 Datasheet HTML 4Page - Cree, Inc CMA1306 Datasheet HTML 5Page - Cree, Inc CMA1306 Datasheet HTML 6Page - Cree, Inc CMA1306 Datasheet HTML 7Page - Cree, Inc CMA1306 Datasheet HTML 8Page - Cree, Inc CMA1306 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Copyright © 2018-2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.Cree®, the Cree logo, XLamp® and EasyWhite® are registered trademarks and eTone™
is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
4
XLAMP® CMA1306 LED
OPERATING LIMITS
The maximum current rating of the CMA1306 depends on the case temperature (Tc) when the LED has reached thermal equilibrium
under steady‑state operation. The graph shown below assumes that the system design employs good thermal management (thermal
interface material and heat sink) and may vary when poor thermal management is employed. Either solder pad shown in the Mechanical
Dimensions section on page 31 can be used as the Tc measurement point.
Another important factor in good thermal management is the temperature of the Light Emitting Surface (LES). Cree recommends a
maximum LES temperature of 140 °C to ensure optimal LED lifetime. Please refer to the Thermal Design section on page 32 for more
information on LES temperature measurement.
CMA1306 - 9 V
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
0
25
50
75
100
125
150
Case Temperature (°C)
85 °C, 2400 mA
125 °C,
920 mA
9 V
Standard LEDs
CMA1306 - 9 V eTone
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
25
50
75
100
125
150
Case Temperature (°C)
85 °C, 1600 mA
9 V
eTone LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com