Electronic Components Datasheet Search
  English  ▼

X  

CMA1306 Datasheet(PDF) 32 Page - Cree, Inc

Part # CMA1306
Description  Cree짰 XLamp짰 CMA1306 LED
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMA1306 Datasheet(HTML) 32 Page - Cree, Inc

Back Button CMA1306 Datasheet HTML 27Page - Cree, Inc CMA1306 Datasheet HTML 28Page - Cree, Inc CMA1306 Datasheet HTML 29Page - Cree, Inc CMA1306 Datasheet HTML 30Page - Cree, Inc CMA1306 Datasheet HTML 31Page - Cree, Inc CMA1306 Datasheet HTML 32Page - Cree, Inc CMA1306 Datasheet HTML 33Page - Cree, Inc CMA1306 Datasheet HTML 34Page - Cree, Inc CMA1306 Datasheet HTML 35Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Copyright © 2018-2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.Cree®, the Cree logo, XLamp® and EasyWhite® are registered trademarks and eTone™
is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
32
XLAMP® CMA1306 LED
THERMAL DESIGN
The CMA family of LED arrays can include over a hundred different LED die inside one package, and thus over a hundred different junction
temperatures (T
J). Cree has intentionally removed junction‑temperature‑based operating limits and replaced the commonplace maximum
T
J calculations with maximum ratings based on forward current (IF) and case temperature (Tc). No additional calculations are required to
ensure that the CMA LED is being operated within its designed limits. LES temperature measurement provides additional verification of
good thermal design. Please refer to page 4 for the Operating Limit specifications.
There is no need to calculate for T
J inside the package, as the thermal management design process, specifically from solder point (TSP) to
ambient (T
a), remains identical to any other LED component. For more information on thermal management of Cree XLamp LEDs, please
refer to the Thermal Management application note. For CMA soldering recommendations and information on thermal interface materials
(TIM), LES temperature measurement, and connection methods, please refer to the Cree XLamp CM Family LEDs soldering and handling
document.
To keep the CMA1306 LED at or below the maximum rated Tc, the case to ambient temperature
thermal resistance (R_c‑a) must be at or below the maximum R_c‑a value shown on the following
graphs, depending on the operating environment. The y-axis in each graph is a base 10 logarithmic
scale.
As the figure at right shows, the R_c‑a value is the sum of the thermal resistance of the TIM (R_tim)
plus the thermal resistance of the heat sink (R_hs).
R_j-c
Tc
R_tim
R_hs
Ta
R_j-c
Tc
R_c-a
Ta
CMA1306 - 9 V
0.01
0.10
1.00
10.00
100.00
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
Current (mA)
Ta = 25 °C
Ta = 55 °C
Ta = 85 °C
Ta = 105 °C
9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com