Electronic Components Datasheet Search
  English  ▼

X  

CMA1306 Datasheet(PDF) 7 Page - Cree, Inc

Part # CMA1306
Description  Cree짰 XLamp짰 CMA1306 LED
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMA1306 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CMA1306 Datasheet HTML 3Page - Cree, Inc CMA1306 Datasheet HTML 4Page - Cree, Inc CMA1306 Datasheet HTML 5Page - Cree, Inc CMA1306 Datasheet HTML 6Page - Cree, Inc CMA1306 Datasheet HTML 7Page - Cree, Inc CMA1306 Datasheet HTML 8Page - Cree, Inc CMA1306 Datasheet HTML 9Page - Cree, Inc CMA1306 Datasheet HTML 10Page - Cree, Inc CMA1306 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Copyright © 2018-2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.Cree®, the Cree logo, XLamp® and EasyWhite® are registered trademarks and eTone™
is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLAMP® CMA1306 LED
Notes
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 34).
•
For 80 CRI minimum LEDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LEDs, CRI R9 typical is 60.
FLUX CHARACTERISTICS, ORDER CODES & BINS - STANDARD LEDS - 9 V (I
F = 800 mA, TJ = 85 °C)
The following table provides order codes for XLamp CMA1306 LEDs. For a complete description of the order code nomenclature, please
see the Bin and Order Code Formats section (page 30).
Nominal
CCT
CRI
Minimum
Luminous
Flux (lm)
Typical
Luminous
Flux (lm)
2-Step
3-Step
5-Step
Min.
Typ
Group
Order Code
Group
Order Code
Group
Order Code
6500 K
70
73
981
1055
65E
CMA1306-0000-
000C0B0A65E
80
82
916
985
65E
CMA1306-0000-
000C0H0A65E
5700 K
70
73
1001
1076
57E
CMA1306-0000-
000C0B0A57E
80
82
935
1005
57E
CMA1306-0000-
000C0H0A57E
90
92
795
855
57G
CMA1306-0000-
000C0U0A57G
5000 K
70
73
972
1045
50E
CMA1306-0000-
000C0B0A50E
80
82
908
976
50G
CMA1306-0000-
000C0H0A50G
90
92
795
855
50G
CMA1306-0000-
000C0U0A50G
4000 K
70
73
964
1037
40E
CMA1306-0000-
000C0B0A40E
80
82
897
965
40H
CMA1306-0000-
000C0H0A40H
40G
CMA1306-0000-
000C0H0A40G
90
92
773
831
40H
CMA1306-0000-
000C0U0A40H
40G
CMA1306-0000-
000C0U0A40G
3500 K
80
82
875
941
35H
CMA1306-0000-
000C0H0A35H
35G
CMA1306-0000-
000C0H0A35G
90
92
752
808
35H
CMA1306-0000-
000C0U0A35H
35G
CMA1306-0000-
000C0U0A35G
3000 K
70
73
897
965
30E
CMA1306-0000-
000C0B0A30E
80
82
850
914
30H
CMA1306-0000-
000C0H0A30H
30G
CMA1306-0000-
000C0H0A30G
90
92
719
773
30H
CMA1306-0000-
000C0U0A30H
30G
CMA1306-0000-
000C0U0A30G
2700 K
80
82
816
877
27H
CMA1306-0000-
000C0H0A27H
27G
CMA1306-0000-
000C0H0A27G
90
92
686
738
27H
CMA1306-0000-
000C0U0A27H
27G
CMA1306-0000-
000C0U0A27G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com