Electronic Components Datasheet Search
  English  ▼

X  

GPBA01B Datasheet(PDF) 12 Page - Generalplus Technology Inc.

Part # GPBA01B
Description  Bus Extender
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPBA01B Datasheet(HTML) 12 Page - Generalplus Technology Inc.

Back Button GPBA01B Datasheet HTML 8Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 9Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 10Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 11Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 12Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 13Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 14Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 15Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 16Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
GPBA01B
© Generalplus Technology Inc.
Proprietary & Confidential
12
MAY 28, 2007
Version: 1.1
7.6.1. Bus extender pin assignment for 8 configurations
Configuration Register $0023[7:5]
PINs
Name
000(I/O)
001(I/O)
010(32KB)
011(4MB)
100(1MB)
101(4MB)
110(1MB)
111(2MB)
P00
I/O
I/O
I/O
B0
B0
B0
B0
B0
P01
I/O
I/O
I/O
B1
B1
B1
B1
B1
P02
I/O
I/O
I/O
B2
B2
B2
B2
B2
P03
I/O
I/O
I/O
B3
B3
B3
B3
B3
P04
I/O
I/O
I/O
B4
B4
B4
B4
B4
P05
I/O
I/O
I/O
B5
I/O
B5
I/O
B5
P06
I/O
I/O
I/O
B6
I/O
B6
CE2
CE2
P07
I/O
I/O
I/O
I/O
CE1
CE1
CE1
CE1
P10
I/O
I/O
A0
A0
A0
A0
A0
A0
P11
I/O
I/O
A1
A1
A1
A1
A1
A1
P12
I/O
I/O
A2
A2
A2
A2
A2
A2
P13
I/O
I/O
A3
A3
A3
A3
A3
A3
P14
I/O
I/O
A4
A4
A4
A4
A4
A4
P15
I/O
I/O
A5
A5
A5
A5
A5
A5
P16
I/O
I/O
A6
A6
A6
A6
A6
A6
P17
I/O
I/O
A7
A7
A7
A7
A7
A7
P20
I/O
I/O
A8
A8
A8
A8
A8
A8
P21
I/O
I/O
A9
A9
A9
A9
A9
A9
P22
I/O
I/O
A10
A10
A10
A10
A10
A10
P23
I/O
I/O
A11
A11
A11
A11
A11
A11
P24
I/O
I/O
A12
A12
A12
A12
A12
A12
P25
I/O
I/O
A13
A13
A13
A13
A13
A13
P26
I/O
I/O
A14
A14
A14
A14
A14
A14
P27
I/O
I/O
CE0
CE0
CE0
X
CE0
X
OSCO/
OE
OSCO
OSCO
OE
OE
OE
OE
OE
OE
P55/ WE
LOW
HIGH
WE
WE
WE
WE
WE
WE
Total I/O Available
25
25
8
1
2
0
1
0
No. of Memories available
0
0
1
1
2
1
3
2
Total memory size
0
0
32KB
4MB
2MB
4MB
3MB
4MB
The memory is divided into banks, 32KB per bank. banks are address by B6-B0, while A14-A0 are offset address of bank.
ITEM
Description
Memo
B6-B0
Memory extender:
Bank selection pin
A14-A0
Memory extender:
Address pin to access 32KB memory in a bank
CE2 , CE1, CE0
Memory extender:
Chip enable pin
X
Memory extender:
Don’t use.
I/O
I/O extender:
Pins can be configured as input or output
O
I/O extender:
Output pin only
OSCO
I/O extender:
Crystal output
P55
I/O extender:
When CFG=0 output Low, when CFG=1 output High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com