Electronic Components Datasheet Search
  English  ▼

X  

GPBA01B Datasheet(PDF) 11 Page - Generalplus Technology Inc.

Part # GPBA01B
Description  Bus Extender
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPBA01B Datasheet(HTML) 11 Page - Generalplus Technology Inc.

Back Button GPBA01B Datasheet HTML 7Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 8Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 9Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 10Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 11Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 12Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 13Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 14Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 15Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
GPBA01B
© Generalplus Technology Inc.
Proprietary & Confidential
11
MAY 28, 2007
Version: 1.1
7.4. P_21H_BEXPort1 ($0021) (R/W)
Extender Port1 & Function Control (W)
B7
B6
B5
B4
B3
B2
B1
B0
W/R
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
W
OSCE
CLKOE
PS1
PS0
1
X
X
X
I/O extender:
P17-P10: bi-direction port to communicate with external device.
The direction is set by B3 of $0023.
Memory extender:
OSCE: Oscillator Enable
CLKOE: Clock Output Enable
PS [1..0]: Pre-scalar Counter
B3: Must be 1.
7.5. P_22H_BEXPort2 ($0022) (R/W)
Extender Port2 & ClockDividerPreload (W)
B7
B6
B5
B4
B3
B2
B1
B0
W/R
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
W
CDP7
CDP 6
CDP 5
CDP 4
CDP 3
CDP 2
CDP 1
CDP 0
I/O extender:
P27-P20: bi-direction port to communication with external device.
The direction is set by B4 of $0023.
Memory extender:
CDP [7:0]: Clock divider preload value.
7.6. P_23H_BEXConfig ($0023)(W)
Bus Extender Configuration
B7
B6
B5
B4
B3
B2
B1
B0
W
CFG2
CFG1
CFG0
P55
DIR2
DIR1
DIR03
DIR01
DIR00
CFG [2..0]:
Bus Extender Configuration Number (0~7)
P55:
ExterndPort55 Output Bit (P55 is output pin only)
DIR2:
ExtendPort2 Control (1: Output, 0: Input)
DIR1:
ExtendPort1 Control (1: Output, 0: Input)
DIR03:
ExtendPort0 [7..3] Control (1:Output, 0: Input)
DIR01:
ExtendPort0 [2..1] Control (1:Output, 0: Input)
DIR00:
ExtendPort0.0 Control (1: Output, 0: Input)
Note 1: P55 is available for output only if CFG=0 or 1
Note 2: If the extend port is configured as input, there will be an internal pull-low resistor (37K Ohms @ VDD=5V or 78K Ohms @ VDD=3V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com