Electronic Components Datasheet Search
  English  ▼

X  

GPBA01B Datasheet(PDF) 10 Page - Generalplus Technology Inc.

Part # GPBA01B
Description  Bus Extender
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPBA01B Datasheet(HTML) 10 Page - Generalplus Technology Inc.

Back Button GPBA01B Datasheet HTML 6Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 7Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 8Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 9Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 10Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 11Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 12Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 13Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 14Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
GPBA01B
© Generalplus Technology Inc.
Proprietary & Confidential
10
MAY 28, 2007
Version: 1.1
7. REGISTER DESCRIPTION
7.1. P_00H_BMIBank ($0000) (W)
Bank Selection Register
B7
B6
B5
B4
B3
B2
B1
B0
W
must be1
BANK6
BANK5
BANK4
BANK3
BANK2
BANK1
BANK0
B6 - B0 are BANK6-BANK0.
The extended memory is dividing
into banks, 32K bytes per bank.
Each AD BUS cycle can only
address up to 32KB.
To access another bank, you should issue
P_00H_BMIBank ($0000) command.
When GPBA01B connects
to one 4MB memory, B6 - B0 are bank selections for total of 128
banks.
In CFG=6 mode, one GPBA01B can support up to three
memory; thus, B6 - B5 act as memory selections while B4 - B0 act
as bank selection.
7.1.1. CFG=3 Example
CFG=3, one 4MB is configured and B6 - B0 are all for 128-bank
selections.
B6-B0
Description
B6
A21
B5
A20
B4
A19
B3
A18
B2
A17
B1
A16
B0
A15
7.1.2. CFG=6 Example
CFG=6, three 1MB are configured and B4 - B0 are for 32-bank
selections.
B6-B5
Description
00
CE2 will be asserted
01
CE1 will be asserted
1X
CE0 will be asserted
B6-B0
Description
B4
A19
B3
A18
B2
A17
B1
A16
B0
A15
7.2. P_0DH_BMIVolumeID ($000D) (W)
Bus memory Volume ID Setup & Selection
B7
B6
B5
B4
B3
B2
B1
B0
Write-once
-
-
-
-
-
VID2
VID1
VID0
W
-
-
-
-
-
SID2
SID1
SID0
VID [2:0]:
Volume-ID for unique identify the GPBA01B on the daisy-chain, write once only.
SID [2:0]:
Select-ID for selection one of GPBA01Bs on the daisy-chain.
7.3. P_20H_BEXPort0 ($0020)(R/W)
Extender Port0
B7
B6
B5
B4
B3
B2
B1
B0
W/R
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
I/O extender:
P07-P00: bi-direction port to communication with external device.
The direction is set by B [2:0] of $0023.
Memory extender:
No function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com