Electronic Components Datasheet Search
  English  ▼

X  

SC171 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC171
Description  1A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC171 Datasheet(HTML) 3 Page - Semtech Corporation

  SC171 Datasheet HTML 1Page - Semtech Corporation SC171 Datasheet HTML 2Page - Semtech Corporation SC171 Datasheet HTML 3Page - Semtech Corporation SC171 Datasheet HTML 4Page - Semtech Corporation SC171 Datasheet HTML 5Page - Semtech Corporation SC171 Datasheet HTML 6Page - Semtech Corporation SC171 Datasheet HTML 7Page - Semtech Corporation SC171 Datasheet HTML 8Page - Semtech Corporation SC171 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
© 2010 Semtech Corporation
Recommended Operating Conditions
Absolute Maximum Ratings
Thermal Information
LX to GND(3)……………………… - 0.3(DC) to +6.0V(DC) Max
VIN to PGND, EN/PSV to AGND ………………… -0.3 to +6.0V
VIN to VDD…………………………………………………+0.3V
BST to LX ………………………………………… -0.3 to +6.0V
BST to PGND……………………………………
-0.3 to +12V
VDD to AGND, VOUT to AGND………………… -0.3V to +6.0V
FB, PGOOD, TON …………………………… -0.3 to VDD + 0.3V
AGND to PGND…………………………………
-0.3 to +0.3V
Peak IR Reflow Temperature ……………….…………… 260°C
ESD Protection Level (2)………………………………………2kV
Supply Input Voltage……………………………… 3V to 5.5V
Maximum Continuous Output Current …………………… 1A
Storage Temperature …………………………… -60 to +150°C
Maximum Junction Temperature ……………………… 150°C
Operating Junction Temperature ……………… -40 to +125°C
Thermal Resistance, Junction to Ambient(1) ………… 40°C/W
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES-
(1) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
(2) Tested according to JEDEC standard JESD22-A114-B
(3) Due to parasitic board inductance, the transient LX pin voltage at the point of measurement may appear larger than that which exists on
silicon. The device is designed to tolerate the short duration transient voltages that will appear on the LX pin due to the deadtime diode
conduction, for inductor currents up to the current limit setting of the device. See application section for details.
Electrical Characteristics
Unless specified: V
IN =5V, TA=+25°C for Typ, -40°C to +85°C for Min and Max, TJ < 125°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Supplies
VIN, VDD Input Voltage
3
5.5
V
VDD UVLO Threshold
Rising UVLO V
TH
2.75
2.85
2.98
V
VDD UVLO Hysteresis
100
200
mV
VIN, VDD Supply Current
EN/PSV= 0V
5
15
μA
I
OUT=0A, PSAVE, fSW=25kHz
(1)
744
Forced Continuous Conduction Mode
EN floating, I
OUT=0A , Not Switching
1000
Controller
FB On-Time Threshold
0.7425
0.75
0.7575
V
Frequency Programming Range
See R
TON Calculation
200
1000
kHz
FB Input Bias Current
FB=VDD or 0V
-1
+1
μA
3
SC171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com