Electronic Components Datasheet Search
  English  ▼

X  

SC171 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC171
Description  1A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC171 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC171 Datasheet HTML 16Page - Semtech Corporation SC171 Datasheet HTML 17Page - Semtech Corporation SC171 Datasheet HTML 18Page - Semtech Corporation SC171 Datasheet HTML 19Page - Semtech Corporation SC171 Datasheet HTML 20Page - Semtech Corporation SC171 Datasheet HTML 21Page - Semtech Corporation SC171 Datasheet HTML 22Page - Semtech Corporation SC171 Datasheet HTML 23Page - Semtech Corporation SC171 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
© 2010 Semtech Corporation
Layout Guideline
Since the SC171 has integrated switches, special consid-
eration should be given to board layout. Let us use the
schematic shown above as an example. The board level
layout is illustrated in the following four layers.
As shown on the top layer layout, U1 is the switching
regulator SC171. C1 and C11 serve as the decoupling ca-
pacitor for the buck converter power train. C11, with a
value between 1nF and 10nF, is the high frequency filter-
ing capacitor. It is recommended to put C1 and C11 as
close as possible to the SC171 to get the best decoupling
performance, with C11 closest. C1, with a value of 10uF,
should be placed no more than 3mm away from the VIN
pin. L1 is the output filtering inductor. C2, C3 and C4 are
the output filtering capacitors. C5 is the boostrap capaci-
tor. Pin 10 (VDD) is the input bias power for the internal
circuits. It is recommended to get the power from VIN
through an RC filtering network consisted of R1, C6 and
C10. The value of R1 can be between 3.01W and 10W and
the capacitance of C10 should be above 1mF. C6, with a
value of 1nF, is the high frequency filtering capacitor. The
locations of C6 and C10 should be as close as possible to
pins 9 and 10, with C6 closest, to get the best possible
filtering result. R2 is the on-time programming resistor.
R2 should be located as close as possible to pin 8 and it
should return to analog ground. The EN/PSV pin is a tri-
state pin. Pull EN/PSV high to enable the part with power
save mode enabled. Connect EN/PSV to AGND to disable
the switching regulator. Leave EN/PSV floating to enable
the IC in forced continuous conduction mode.
Since there are two integrated MOSFETs inside the SC171
that will dissipate a lot of power, to help spread the heat
out of the IC more efficiently, there is a thermal pad un-
derneath the SC171 serving as a heat sink. To enlarge the
heat sinking area, a large copper plane under the thermal
pad as shown on the top layer is recommended.
On inner layer 2, a large analog ground plane (AGND) on
the right hand side is connected to the thermal pad un-
derneath the SC171 using vias. Thus the heat generated
inside the SC171 can be spread through the vias to the
1
2
3
4
5
6
7
9
10
C5
C6
R6
C8
BST
VIN
LX
PGND EN/PSV
TON
AGND
VDD
PGOOD
FB
C3
L1
C2
R3
R2
R1
C1
R4
R7
C9
C4
C7
EN/PSV
VIN+
VIN-
VO+
VO-
U1
SC171
C10
C11
1
2
3
4
5
6
7
8
9
10
Schematic for layout illustration
20
SC171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com