Electronic Components Datasheet Search
  English  ▼

X  

SC171 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC171
Description  1A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC171 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC171 Datasheet HTML 15Page - Semtech Corporation SC171 Datasheet HTML 16Page - Semtech Corporation SC171 Datasheet HTML 17Page - Semtech Corporation SC171 Datasheet HTML 18Page - Semtech Corporation SC171 Datasheet HTML 19Page - Semtech Corporation SC171 Datasheet HTML 20Page - Semtech Corporation SC171 Datasheet HTML 21Page - Semtech Corporation SC171 Datasheet HTML 22Page - Semtech Corporation SC171 Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
© 2010 Semtech Corporation
Applications Information (continued)
The use of 1% feedback resistors may result in up to an
additional 1% error. If tighter DC accuracy is required, re-
sistors with lower tolerances should be used.
The output inductor value may change with current. This
will change the output ripple and therefore will have a
minor effect on the DC output voltage. The output ESR
also affects the output ripple and thus has a minor effect
on the DC output voltage.
Switching Frequency Variation
The switching frequency will vary depending on line and
load conditions. The line variations are a result of fixed
propagation delays in the on-time one-shot, as well as
unavoidable delays in the power FET switching. As V
IN
increases, these factors make the actual DH on-time
slightly longer than the ideal on-time. The net effect is
that frequency tends to fall slightly with increasing input
voltage.
The switching frequency also varies with load current
as a result of the power losses in the MOSFETs and the
inductor. For a conventional PWM constant-frequency
converter, as load increases the duty cycle also increases
slightly to compensate for IR and switching losses in the
MOSFETs and inductor. A adaptive on-time converter
must also compensate for the same losses by increasing
the effective duty cycle (more time is spent drawing en-
ergy from V
IN as losses increase). The on-time is essential-
ly constant for a given V
OUT and VIN combination, to offset
the losses the off-time will tend to reduce slightly as load
increases. The net effect is that switching frequency in-
creases slightly with increasing load.
Switching Node Voltage Spike
Due to parasitic board inductance, the transient LX pin
voltage at the point of measurement may appear larger
than that which exists on silicon. With an input multilay-
er ceramic capacitor of 10uF placed less than 3mm away
from the PVIN pin, the device is designed and guaranteed
to tolerate the short transient voltages, of maximum
20ns duration, that will appear on the LX pin due to the
deadtime diode conduction, as long as the transient volt-
age on PVIN is less than 6.0V. The time duration of the
transient LX pin voltage is measured on the voltage por-
tion which is either over 6.0V for positive voltage spike
or under -1V for negative voltage spike. The LX voltage
is measured from the LX pin to the PGND pin by using a
probing loop which is as short as possible to minimize or
eliminate the switching noise pick up.
19
SC171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com