Electronic Components Datasheet Search
  English  ▼

X  

SC171 Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC171
Description  1A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC171 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC171 Datasheet HTML 13Page - Semtech Corporation SC171 Datasheet HTML 14Page - Semtech Corporation SC171 Datasheet HTML 15Page - Semtech Corporation SC171 Datasheet HTML 16Page - Semtech Corporation SC171 Datasheet HTML 17Page - Semtech Corporation SC171 Datasheet HTML 18Page - Semtech Corporation SC171 Datasheet HTML 19Page - Semtech Corporation SC171 Datasheet HTML 20Page - Semtech Corporation SC171 Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
© 2010 Semtech Corporation
Applications Information (continued)
Rate of change of load current is
I
MAX = maximum load release = 1A
Note that C
OUT is much smaller in this example, 11µF
compared to 31µF based upon a worst-case load re-
lease. To meet the two design criteria of minimum 11µF
and maximum 78 mΩ ESR, select one capacitor rated at
22µF and 15mΩ ESR or less.
It is recommended that an additional small capacitor be
placed in parallel with C
OUT in order to filter high frequen-
cy switching noise.
Stability Considerations
Unstable operation is possible with adaptive on-time
controllers, and usually takes the form of double-puls-
ing or ESR loop instability.
Double-pulsing occurs due to switching noise seen at
the FB input or because the FB ripple voltage is too low.
This causes the FB comparator to trigger prematurely af-
ter the minimum off-time has expired. In extreme cases
the noise can cause three or more successive on-times.
Double-pulsing will result in higher ripple voltage at the
output, but in most applications it will not affect opera-
tion. This form of instability can usually be avoided by
providing the FB pin with a smooth, clean ripple signal
that is at least 10mVp-p, which may dictate the need to
s
1
0.6A
dt
dI
LOAD
m
=
1V)
-
(1.05V
2
s
1
0.6A
1A
-
1V
1.26A
H
2
1.26A
C
OUT
×
m
×
×
m
×
=
F
11
C
OUT
m
=
.26A
1
0.511A
2
1
A
1
I
LPK
=
×
+
=
increase the ESR of the output capacitors. It is also im-
perative to provide a proper PCB layout as discussed in
the Layout Guidelines section.
Another way to eliminate doubling-pulsing is to add a
small (~ 10pF) capacitor across the upper feedback resis-
tor, as shown in Figure 8. This capacitor should be left
unpopulated unless it can be confirmed that double-
pulsing exists. Adding the C
TOP capacitor will couple
more ripple into FB to help eliminate the problem. An
optional connection on the PCB should be available for
this capacitor.
VOUT
To FB pin
R2
R1
CTOP
Figure 8 — Capacitor Coupling to FB Pin
ESR loop instability is caused by insufficient ESR. The
details of this stability issue are discussed in the ESR Re-
quirements section. The best method for checking sta-
bility is to apply a zero-to-full load transient and observe
the output voltage ripple envelope for overshoot and
ringing. Ringing for more than one cycle after the initial
step is an indication that the ESR should be increased.
One simple way to solve this problem is to add trace re-
sistance in the high current output path. A side effect of
adding trace resistance is a decrease in load regulation.
ESR Requirements
A minimum ESR is required for two reasons. One reason
is to generate enough output ripple voltage to provide
10mVp-p at the FB pin (after the resistor divider) to avoid
double-pulsing.
The second reason is to prevent instability due to insuf-
ficient ESR. The on-time control regulates the valley of
the output ripple voltage. This ripple voltage is the sum
of the two voltages. One is the ripple generated by the
ESR, the other is the ripple due to capacitive charging
)
V
-
V
(
2
dt
dI
I
-
V
I
L
I
C
OUT
PK
LOAD
MAX
OUT
LPK
LPK
OUT
×
×
×
×
=
17
SC171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com