Electronic Components Datasheet Search
  English  ▼

X  

SC171 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC171
Description  1A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC171 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC171 Datasheet HTML 6Page - Semtech Corporation SC171 Datasheet HTML 7Page - Semtech Corporation SC171 Datasheet HTML 8Page - Semtech Corporation SC171 Datasheet HTML 9Page - Semtech Corporation SC171 Datasheet HTML 10Page - Semtech Corporation SC171 Datasheet HTML 11Page - Semtech Corporation SC171 Datasheet HTML 12Page - Semtech Corporation SC171 Datasheet HTML 13Page - Semtech Corporation SC171 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
© 2010 Semtech Corporation
FB Voltage vs Temperature
0.745
0.748
0.750
0.753
0.755
-40 -15
10
35
60
85
110 135
Temperature (°C)
Black:VDD=5.0V
Red: VDD=3.0V
Low Side Switch On-State Resistance vs
Temperature
55
65
75
85
95
105
115
-40
-15
10
35
60
85
110 135
Temperature (°C)
Blue: VDD=3.0V
Black: VDD=5.0V
High Side Switch On-State Resistance vs
Temperature
80
90
100
110
120
130
140
150
-40
-15
10
35
60
85
110 135
Temperature (°C)
Blue: VDD=3.0V
Black: VDD=5.0V
Load Transient Test
(VIN=5V, VOUT=1.2V, IOUT= 0A to 1A,
PSAVE Mode Enabled, LOUT=1µH,COUT=2x22µF,Channel 1:
50mV/Div, Channel 2:5V/Div, Channel 4: 0.5A/Div,
Time:20µs/Div)
Load Transient Test
(VIN=5V, VOUT=1.2V, IOUT= 1A to 0A,
PSAVE Mode Enabled, LOUT=1µH,COUT=2x22µF,Channel 1:
50mV/Div, Channel 2:5V/Div, Channel 4: 0.5A/Div,
Time:20µs/Div)
Typical Characteristics
10
SC171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com